công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34RF72 bảng dữ liệu(PDF) 18 Page - Texas Instruments

tên linh kiện ADC34RF72
Giải thích chi tiết về linh kiện  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 14Page - Texas Instruments ADC34RF72 Datasheet HTML 15Page - Texas Instruments ADC34RF72 Datasheet HTML 16Page - Texas Instruments ADC34RF72 Datasheet HTML 17Page - Texas Instruments ADC34RF72 Datasheet HTML 18Page - Texas Instruments ADC34RF72 Datasheet HTML 19Page - Texas Instruments ADC34RF72 Datasheet HTML 20Page - Texas Instruments ADC34RF72 Datasheet HTML 21Page - Texas Instruments ADC34RF72 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
6 Parameter Measurement Information
The ADC32RF72 has 1/f noise with a corner frequency of approximately 100MHz. To better illustrate the true
noise floor for high performance and RF sampling applications, the ADC noise performance is specified in the
following two ways.
SNR: Measured across the full Nyquist zone including 1/f noise
SNRflat, NSDflat: Measured in the flat noise region from 100MHz to FS/2 (750MHz)
Reducing the measurement bandwidth by 100MHz (starting at 100MHz instead of 0Hz) improves the SNR by
approximately 0.6dB (10log(750MHz/650MHz) = 10log(0.06) = 0.62dB) assuming flat, uniform noise across the
Nyquist zone.
FS/2
100M
SNRFlat, NSDFlat
SNR
Figure 6-1. SNR (DC to FS/2) vs SNRflat (100MHz to FS/2)
Assuming NSDflat = -163.7dBFS/Hz
SNRflat calculates to:
-(-163.7dBFS/Hz + 10log(650MHz)) = -(-163.7 + 88.1)dBFS = 75.6dBFS
(1)
The 1/f noise is approximately 76.4dBFS. The 1/f noise measurement is shown in Figure 6-2 with a resolution
bandwidth of approximately 6MHz. The SNR for full Nyquist zone including 1/f noise calculates to:
SNR1/f + SNRflat =
SNR1/f+SNRflat=10log 10−SNR1/f20 2+ 10−SNRflat20 2=10log 10−76.420 2+ 10−75.620 2= 73dBFS
(2)
Frequency (MHz)
1
10
100
1000
-164
-163
-162
-161
-160
-159
-158
-157
-156
50ohm
100ohm
200ohm
Figure 6-2. 1/f Noise Measurement
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com