công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34RF72 bảng dữ liệu(PDF) 60 Page - Texas Instruments

tên linh kiện ADC34RF72
Giải thích chi tiết về linh kiện  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 bảng dữ liệu(HTML) 60 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 56Page - Texas Instruments ADC34RF72 Datasheet HTML 57Page - Texas Instruments ADC34RF72 Datasheet HTML 58Page - Texas Instruments ADC34RF72 Datasheet HTML 59Page - Texas Instruments ADC34RF72 Datasheet HTML 60Page - Texas Instruments ADC34RF72 Datasheet HTML 61Page - Texas Instruments ADC34RF72 Datasheet HTML 62Page - Texas Instruments ADC34RF72 Datasheet HTML 63Page - Texas Instruments ADC34RF72 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 74 page
background image
Table 8-1. Recommended Baluns
PART NUMBER
MANURACTURER(1) IMPEDANCE RATIO
AMPLITUDE
BALANCE (dB)
PHASE BALANCE
(°)
FREQUENCY
RANGE
BAL-0003SMG
Marki Microwave
1:2
0.1
3
0.5MHz to 3GHz
TCM2-43X+
Minicircuits
1:2
0.5
7
10MHz to 4GHz
TCM2-33WX+
Minicircuits
1:2
0.7
4
10MHz to 3GHz
TC1-1-13M+
Minicircuits
1:1
0.5
2-3
10MHz to 3GHz
(1)
See the Third-Party Products Disclaimer .
8.2.1.2 Clocking
The device clock inputs must be AC-coupled to the device to provide the rated performance. The clock source
must have low jitter (integrated phase noise) for the ADC to meet the stated SNR performance, especially when
operating at higher input frequencies. The clock signal can be filtered with a band pass filter to remove some
of the broad band clock noise. The JESD204B/C data converter system (ADC and FPGA) requires additional
SYSREF and device clocks. The LMK04828 or LMK04832 devices are designed to generate these clocks.
Depending on the ADC clock frequency and jitter requirements. The device can also be used as a system clock
synthesizer or as a device clock and SYSREF distribution device when using multiple ADC32RF72 devices in a
system.
8.2.2 Detailed Design Procedure
8.2.2.1 Sampling Clock Requirements
To maximize the SNR performance of the ADC, a very low jitter (< 50fs) sampling clock is required. Figure
8-2 shows the estimated SNR performance versus input frequency versus external clock jitter. The internal
ADC aperture jitter also has some dependency to the clock amplitude (gets more sensitive with higher input
frequency) as shown in Figure 8-3. When using averaging or decimation, the SNR for a single ADC core must be
estimated first before adding the SNR improvement from internal averaging or decimation.
Input Frequency (MHz)
100
1000
1500
60
62
64
66
68
70
72
74
76
TJ = 10 fs
TJ = 30 fs
TJ = 50 fs
TJ = 100 fs
Figure 8-2. SNR vs TJitter
Clock Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
3
69
60
70
65
71
70
72
75
73
80
74
85
75
90
76
95
77
100
SNR (Fin = 100MHz)
SFDR (Fin = 100MHz)
SNR (Fin = 900MHz)
SFDR (Fin = 900MHz)
Figure 8-3. AC Performance vs Clock Amplitude
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
60
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com