công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPS7H4102PAPTSEP bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện PTPS7H4102PAPTSEP
Giải thích chi tiết về linh kiện  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button PTPS7H4102PAPTSEP Datasheet HTML 7Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 8Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 9Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 10Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 11Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 12Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 13Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 14Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
6.5 Electrical Characteristics (continued)
Over 3V ≤ VIN ≤ 7V, PVIN = VIN, open loop configuration, over operating temperature range TA = –55°C to 125°C, typical
values are at TA = 25°C, valid for all 4 phases, unless otherwise noted; includes RLAT at TA= 25°C if sub-group number is
present for QML RHA and SEP devices.
PARAMETER
TEST CONDITIONS
SUB-
GROUP(1)
MIN
TYP
MAX
UNIT
POWER GOOD
PWRGDxUV_FAULT
VSNSx falling threshold (fault)
See Figure 8-4
1, 2, 3
89%
91%
92%
PWRGDxUV_GOOD
VSNSx rising threshold (good)
1, 2, 3
92%
94%
96%
PWRGDxOV_FAULT
VSNSx rising threshold (fault)
See Figure 8-5
1, 2, 3
107%
109%
111%
PWRGDxOV_GOOD
VSNSx falling threshold (good)
1, 2, 3
103%
106%
109%
IPWRGDx_LKG
Output open high leakage
VSENSEx = VREFx , VPWRGD = 7V
1, 2, 3
2
520
nA
VPWRGDx_V OL
Power good output low
IPWRGD_ SINK ≤ 2mA
1, 2, 3
310
400
mV
VINMIN_PWRGDx
Minimum VIN for valid PWRGD
output
Measured when VPWRGD ≤ 0.5V at 100μA
See Figure 8-6
1, 2, 3
0.6
1
V
THERMAL SHUTDOWN
TSD_ENTER
Thermal shutdown enter temperature IOUTx = 0A
163
°C
TSD_EXIT
Thermal shutdown exit temperature
IOUTx = 0A
134
TSD_HYS
Thermal shutdown hysteresis
IOUTx = 0A
29
MOSFET
RDS_ON_HSx
High-side switch resistance
PVIN = VIN = 3V,
IOUTx = 500mA
TA = –55℃
3
54
71
mΩ
TA = 25℃
1
70
88
TA = 125℃
2
89
103
PVIN = VIN = 5V,
IOUTx = 500mA
TA = –55℃
3
49
63
TA = 25℃
1
62
80
TA = 125℃
2
78
92
PVIN = VIN = 7V,
IOUTx = 500mA
TA = –55℃
3
47
60
TA = 25℃
1
59
76
TA = 125℃
2
74
88
RDS_ON_LSx
Low-side switch resistance
PVIN = VIN = 3V,
IOUTx = 500mA
TA = –55℃
3
44
55
mΩ
TA = 25℃
1
58
68
TA = 125℃
2
75
85
PVIN = VIN = 5V,
IOUTx = 500mA
TA = –55℃
3
42
51
TA = 25℃
1
55
64
TA = 125℃
2
71
80
PVIN = VIN = 7V,
IOUTx= 500mA
TA = –55℃
3
41
50
TA = 25℃
1
54
63
TA = 125℃
2
69
79
(1)
Subgroups are applicable for QML parts. For subgroup definitions, see the Quality Conformance Inspection table.
(2)
Use this VREFx value to set the output voltage. Measured in a non-switching configuration as shown in Figure 7-1.
(3)
The device does not begin startup until the voltage on SS discharges below SS_TRxSTART_UP to provide proper soft start functionality
www.ti.com
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com