công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPS7H4102PAPTSEP bảng dữ liệu(PDF) 44 Page - Texas Instruments

tên linh kiện PTPS7H4102PAPTSEP
Giải thích chi tiết về linh kiện  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP bảng dữ liệu(HTML) 44 Page - Texas Instruments

Back Button PTPS7H4102PAPTSEP Datasheet HTML 40Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 41Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 42Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 43Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 44Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 45Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 46Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 47Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
8.3.7 Turn-On Behavior
8.3.7.1 Pulse Skipping During Start-up
The device enters into a pulse-skipping mode (hysteretic mode) during start-up in the event that VSNSx is
greater than the voltage at the SS_TRx pin (VSNSx > VSS_TRx). During this period, the high-side switch remains
off and the low-side switch remains on until VSNSx again falls below the voltage at SS_TR (VSNSx < VSS_TRx)
This is because a lower output voltage is needed than that supported by the minimum on time (tONx_MIN). Thus,
instantaneous output pulses can be higher or lower than the desired voltage. This behavior is evident when
operating at high frequency and high VIN. For more details refer to SLVA866.
When the minimum on-pulse is greater than the minimum controllable on-time, the pulse-skipping behavior is
generally not observed at startup.
8.3.7.2 Soft-Start (SS_TRx)
The device uses the the VSS_TRx as the tracking reference, during start-up. A CSS_TRx capacitor on the SS_TRx
pin to GND implements a soft-start time, by providing a "slow" ramp tracking reference. Equation 15 shows the
equation for the nominal soft-start time, tSS_TRx_NOMINAL. This is the time for VOUTx to reach the programmed
voltage. The voltage reference (VREFx) is 599.48mV (typ. at 25 °C) and the soft-start charge current (ISS_TRx) is
typically 2.28μA. When calculating the soft-start time tSS_TRx, take into account the variation of the parameters
CSS_TRx, VREFx and ISS_TRx as these can cause tSS_TRx_NOMINAL to deviate from the nominal value in the actual
implementation. The error (or deviation) from the nominal can be calculated using Equation 16. The range of the
soft start time can be calculated using Equation 17.
tSS_TRx_NOMINAL ms = VREFxV × CSS_TRxnF 
ISS_TRxμA
(15)
tSS_TRx_ERROR ms =±  CSS_TRx2nF × VREFx2V × CSS_TRx_TOL2+ISS_TRx_ACC2+ VREFx_ACC2 
ISS_TRxμA
(16)
tSS_TRxms =tSS_TRx_NOMINALms ±tSS_TRx_ERRORms
(17)
where:
• CSS_TRx_TOL is the CSS_TRx capacitor tolerance in numeric value. For example a 10% tolerance capacitor is
0.1.
• ISS_TRx_Acc is the soft start current accuracy, for more details refer to SOFT START AND TRACKING in
Section 6.5
• VREFx_Acc is the reference accuracy. Use 0.01 as the reference is 1% accurate.
During start-up when the output capacitor bank is discharge, a large in-rush current is required to quickly charge
the bank. If this current is not controlled below the sourcing current limit, non-linearities can be observed due to
the protection feature of the device. To select the soft-start capacitor for a given output capacitor the designer
can use Equation 18 and Equation 19.
tSS_TRx_NOMINALs = COUTxF
4.39A−IOUTxA × VOUTx V
(18)
Where:
• COUTx is the output capacitor in Farads (F).
• 4.39A is the minimum value from the sourcing current limits in this case is the minimum from the
IOC_LS_SOURCINGx.
• IOUTx is the maximum expected load for a given channel in Amps (A). The maximum possible load (or upper
bound) for a single channel is 3A.
• VOUTx is the nominal output voltage in Volts (V)
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com