công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPS7H4102PAPTSEP bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện PTPS7H4102PAPTSEP
Giải thích chi tiết về linh kiện  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button PTPS7H4102PAPTSEP Datasheet HTML 5Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 6Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 7Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 8Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 9Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 10Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 11Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 12Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
6.5 Electrical Characteristics
Over 3V ≤ VIN ≤ 7V, PVIN = VIN, open loop configuration, over operating temperature range TA = –55°C to 125°C, typical
values are at TA = 25°C, valid for all 4 phases, unless otherwise noted; includes RLAT at TA= 25°C if sub-group number is
present for QML RHA and SEP devices.
PARAMETER
TEST CONDITIONS
SUB-
GROUP(1)
MIN
TYP
MAX
UNIT
POWER SUPPLIES AND CURRENTS
VUVLOR_VIN
VIN internal UVLO rising threshold
IOUTx = 0A, VENx = 1V, PVIN = 5V
1, 2, 3
2.63
2.7
2.83
V
VUVLOF_VIN
VIN internal UVLO falling threshold
IOUTx = 0A, VENx = 1V, PVIN = 5V
1, 2, 3
2.47
2.52
2.6
VUVLOR_PVIN
PVIN internal UVLO rising threshold
IOUTx = 0A, VENx = 1V, VIN = 5V
1, 2, 3
2.37
2.44
2.58
V
VUVLOF_PVIN
PVIN internal UVLO falling threshold
IOUTx = 0A, VENx = 1V, VIN = 5V
1, 2, 3
1.96
2
2.11
ISHDN_VIN
VIN shutdown supply current
VENx = 0V
1, 2, 3
6
8.5
mA
ISHDN_PVIN
PVIN shutdown supply current
VENx = 0V
1, 2, 3
2.3
4.3
IQ_VIN
VIN operating quiescent current (non
switching)
VENx = 7V, VSNSx = 1V
1, 2, 3
6.7
15
IQ_PVIN
PVIN operating quiescent current
(non switching)
VENx = 7V, VSNSx = 1V
1, 2, 3
2.1
3.7
ENABLE and EN_SEQ
VENx_RISING
Enable rising threshold (turn-on)
PVINx = VIN = 5V
1, 2, 3
0.573
0.606
0.645
V
VENx_FALLING
Enable falling threshold (turn-off)
PVINx = VIN = 5V
1, 2, 3
0.473
0.5
0.532
VEN_SEQ_RISING
Enable sequence rising threshold
(sequence up)
Rise time ≥ 100ns
See Figure 8-3
1, 2, 3
71%
80%
× VIN
VEN_SEQ_FALLING
Enable sequence falling threshold
(sequence down)
Fall time ≥ 100ns
1, 2, 3
17%
25%
VCHx_ON
Sequence UP deemed good voltage
See Figure 8-3
87.4%
× VREFx
VCHx_OFF
Sequence DOWN deemed no-good
voltage
15.4%
tENx_VIN_RISING_PD
Enable propogation delay when ENx
and VIN are tied together
VIN = ENx high to SW
high
See Figure 7-2
1, 2, 3
0.85
1.7
ms
tENx_RISING_PD
Enable propogation delay
ENx high to SW
high when VIN >
VUVLOR_VIN for at least
1.7ms
See Figure 7-3
1, 2, 3
50
100
µs
tENx_FALLING_PD
Disabled propagation delay
ENx low to SW high
impedance
See Figure 7-4
1, 2, 3
9.5
35
IENx_LKG
Enable input leakage current
VENx = 7V
1, 2, 3
0.05
154
nA
VOLTAGE REFERENCE
VREFx
Internal voltage reference (including
error amplifier VIOx)
See(2)
1, 2, 3
591.5
599.48
603.5
mV
VREFCAP
REFCAP voltage
1, 2, 3
1.2
1.235
1.248
V
ERROR AMPLIFIER
IVSNSx_LKG
VSNSx input leakage current
VSNSx = 600mV, VCOMP = 1V
1, 2, 3
30
nA
gmEAx
Error amplifier transconductance
–10μA < ICOMP < 10μA,
VCOMP = 1V
TA = -55℃
11
1257
1913
2630
µS
TA = 25℃
9
1153
1672
2191
TA = 125℃
10
1029
1343
1657
EAx_DC-GAIN
Error amplifier DC gain
VSNSx = 600mV
16000
V/V
EAx_ISRC
Error amplifier source
VCOMP = 1V, ±100mV input overdrive
1, 2, 3
88
137
200
µA
EAx_ISNK
Error amplifier sink
87
135
200
EAx_RO
Error amplifier output resistance
10.8
MΩ
EAx_BW
Error amplifier bandwidth
9.57
MHz
gmPSx
Power stage transconductance
VCOMPx = 500mV
1, 2, 3
5.78
8.35
10.46
S
gmPSx_MATCHING
Power stage transconductance
matching across all phases
VCOMPx = 500mV
1%
www.ti.com
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com