công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPS7H4102PAPTSEP bảng dữ liệu(PDF) 48 Page - Texas Instruments

tên linh kiện PTPS7H4102PAPTSEP
Giải thích chi tiết về linh kiện  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP bảng dữ liệu(HTML) 48 Page - Texas Instruments

Back Button PTPS7H4102PAPTSEP Datasheet HTML 44Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 45Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 46Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 47Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 48Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 49Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 50Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 51Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
8.3.8 Protection Modes
The following protection modes are detailed in the following sections:
• Overcurrent Protection: Section 8.3.8.1
– High-Side Overcurrent Protection: High-Side Cycle by Cycle Overcurrent Protection (IOC_HSx)
– Low-Side Overcurrent Sourcing and Sinking Protection: Low-Side Overcurrent Sourcing and Sinking
Protection
• Output Overvoltage Protection (OVP): Section 8.3.8.2
• Thermal Shutdown: Section 8.3.8.3
8.3.8.1 Overcurrent Protection
The TPS7H410x device employs multiple overcurrent protection mechanisms. The device is primarily protected
from overcurrent conditions by means of the following:
1. High-side cycle by cycle current limit (IOC_HSx) .
2. Low-side sourcing current limit (IOC_LS_SOURCINGx)
3. COMPxCLAMP shutdown.
4. Low-side sinking current limit.
These current protection mechanisms are detailed in the subsequent sections.
8.3.8.1.1 High-Side Cycle by Cycle Overcurrent Protection (IOC_HSx)
The device implements current mode control, which uses the COMPx pin voltage to control the turn off of the
high-side MOSFET and the turn on of the low-side MOSFET on a cycle-by-cycle basis. Each cycle, the switch
current and the current reference generated by the COMPx pin voltage are compared. When the peak switch
current intersects the programmed high side current, IOC_HSx, the high-side switch is immediately turned off
(although the high side is on for at least the minimum on time, tONx_MIN)
IOC_HSx is implemented utilizing the COMPx voltage. As the device approaches IOC_HSx, COMPx increases which
causes the gmPSx of the device to approach zero. Therefore, at high enough values of COMPx, the output
current is essentially clamped to the internal limit. This functionality is shown in the simplified waveforms of
Figure 8-13.
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com