công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPS7H4102PAPTSEP bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện PTPS7H4102PAPTSEP
Giải thích chi tiết về linh kiện  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button PTPS7H4102PAPTSEP Datasheet HTML 2Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 3Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 4Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 5Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 6Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 7Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 8Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 9Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
NAME
TPS7H4104 TPS7H4102
COMP4
44
I/O
Compensation pin for CH # 4. Output of the transconductance error amplifier and input
to the inner current loop comparator of CH # 4. Connect the frequency compensation
components for CH # 4 to this pin.
SS_TR4
45
I/O
Soft Start and tracking for CH # 4. Connect an external capacitor to control the rise time
(or inrush current) for VOUT4 during start-up. This pin can also be used for tracking and
sequencing.
VSNS4
46
I
Inverting input of the gm error amplifier for CH # 4. Connect this pin as close to the load
as possible trough a voltage divider to program the desired output voltage for CH # 4.
EN4
47
I
Enable # 4. Pull this pin high [> VENx_RISING (MAX)] to enable the CH # 4. Pull this pin low
[< VENx_FALLING (MIN)] to disable the CH # 4. Use a voltage divider between VIN and GND
to adjust the turn-on voltage level for CH # 4 as needed.
PWRGD4
48
O
Power Good pin for CH # 4. This is an open drain output. Connect this pin trough a
pull-up resistor to the desired logic level (≤ 7 V). PWRGD4 is asserted when VOUT4 is
within 6% (typ.) of the programmed value. PWRGD4 is deasserted when VOUT4 is outside
9% (typ.) of the programmed value or during a fault condition (such as thermal shutdown).
SW4
51-54
O
Switching node # 4 pins . Switch phase node output for CH # 4. Connect this pins to the
LC filter for VOUT4. The relative phase for CH4 is 180°.
SW1
59-62
O
Switching node # 1 pins . Switch phase node output for CH # 1. Connect this pins to the
LC filter for VOUT1. The relative phase for CH1 is 0°.
NC
—
11-22,
27-38, 41
—
No connect. These pins are not internally connected. . Users are recommended to
connect these pins to GND to prevent charge buildup; however, these pins can also
be left open or tied to any voltage between GND and VIN.
(1)
I = Input, O = Output, I/O = Input or Output, — = Other
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com