công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPS7H4102PAPTSEP bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện PTPS7H4102PAPTSEP
Giải thích chi tiết về linh kiện  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button PTPS7H4102PAPTSEP Datasheet HTML 25Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 26Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 27Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 28Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 29Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 30Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 31Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 32Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
8 Detailed Description
8.1 Overview
The TPS7H4104 and TPS7H4102 devices are: 3V to 7V, 3A/channel, quad/dual channels, synchronous step-
down (buck) converter. Each channel has two integrated MOSFETs, a PMOS for the high side, and an NMOS for
the low side. Also each channel has independent:
• Power good flag (PWRGDx).
• Programmable slope compensation (RSCx).
• Programmable soft-start (SSx).
• Low logic compatible enable inputs (ENx).
Each channel can be used independently or interleaved to service loads greater than 3A, up to 12A for the
TPS7H4104 and 6A for the TPS7H4102. Each phase is internally operated at a relative fixed phase-shift of
90 degrees. The channels on the top and bottom both, have a 180 degrees phase shift between them for
interleaving of dual/single 6A channel.
Note
For the purpose of this document the x at the end of a signal name is used to generalized all possible
values the signal can take, x can take a value from 1 to 4 (used to specify the channel in discussion).
If a signal does not contain an x or a given value (between 1 to 4) at the end, the signal is a shared (or
global) signal to all channels. By example the signals: VIN, PVIN, RT, SYNC, EN_SEQ (only valid for
the TPS7H4104), GND, PGND and REFCAP are all signals common to all channels.
To improve performance during line and load transients, the device implements a constant frequency, peak
current mode (PCM) control, which also simplifies external frequency compensation. The wide switching
frequency range (100kHz to 1MHz) allows for efficiency and size optimization when selecting the output
filter components (Lx & COUTx). The MOSFETs have been sized to optimize efficiency for lower duty cycle
applications.
The device is designed for safe monotonic start-up into pre-biased loads. The default start-up is when VIN
is greater than 2.7V (typ.). Each channel incorporates an independent enable signal (ENx). This pins are
connected to the non-inverting input of a voltage comparator with hysteresis (typically 106mV ). The maximum
combined (VIN + PVIN) operating current for the TPS7H4104 is 12mA with all channels disabled and 18.7mA
with all channels enabled and non-switching.
The device incorporates a power-good comparator (PWRGDx) with hysteresis, which monitors the output
voltage through the VSNSx (or feedback) pin. The PWRGDx pin is an open-drain NMOS MOSFET, which is
pulled low when the VSNSx pin voltage is less than 91% (typ.) or greater than 109% (typ.) of the internal voltage
reference (VREFx) and asserts high (trough an external pull-up) when the VSNSx pin voltage is between 94% to
106% of VREFx (typical).
The SS_TRx (soft-start/tracking) pins are used to minimize inrush current (during start-up, when COUTx is
discharged) or provide power-supply sequencing during power-up. A small-value capacitor or resistor divider can
be connected to the pin for soft-start or critical power-supply sequencing requirements. During start-up, if VSNSx
is greater than the voltage at SS_TRx, the device enters into a pulse-skipping mode. This happens due to the
minimum on-time (tONx_MIN = 182ns typ. at VIN = 5V).
The device is protected from output over-voltage, overload, and thermal fault conditions. The device minimizes
excessive output over-voltage transients by taking advantage of the over-voltage circuit in the power-good
comparators. When the over-voltage comparator is activated, the high-side MOSFET is turned off and prevented
from turning on until the VSNSx pin voltage is lower than 106% of the VREFx. The device implements both
high-side MOSFET overload protection and bidirectional low-side MOSFET overload protections, which help
control the inductor current and avoid current runaway. The device also shuts down if any channel junction
temperature is higher than thermal shutdown trip point, typically 163°C. The device is restarted under control of
the soft-start circuit automatically when the junction temperature drops 29°C (typ.) below the thermal shutdown
trip point.
www.ti.com
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com