công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPS7H4102PAPTSEP bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện PTPS7H4102PAPTSEP
Giải thích chi tiết về linh kiện  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP bảng dữ liệu(HTML) 5 Page - Texas Instruments

  PTPS7H4102PAPTSEP Datasheet HTML 1Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 2Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 3Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 4Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 5Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 6Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 7Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 8Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
NAME
TPS7H4104 TPS7H4102
COMP2
12
—
I/O
Compensation pin for CH # 2. Output of the transconductance error amplifier and input
to the inner current loop comparator of CH # 2. Connect the frequency compensation
components for CH # 2 to this pin.
SS_TR2
13
—
I/O
Soft Start and tracking for CH # 2. Connect an external capacitor to control the rise time
(or inrush current) for VOUT2 during start-up. This pin can also be used for tracking and
sequencing.
VSNS2
14
—
I
Inverting input of the gm error amplifier for CH # 2. Connect this pin as close to the load
as possible trough a voltage divider to program the desired output voltage for CH # 2.
EN2
15
—
I
Enable # 2. Pull this pin high [> VENx_RISING (MAX)] to enable the CH # 2. Pull this pin low
[< VENx_FALLING (MIN)] to disable the CH # 2. Use a voltage divider between VIN and GND
to adjust the turn-on voltage level for CH # 2 as needed.
PWRGD2
16
—
O
Power Good pin for CH # 2. This is an open drain output. Connect this pin trough a
pull-up resistor to the desired logic level (≤ 7V). PWRGD2 is asserted when VOUT2 is
within 6% (typ.) of its programmed value. PWRGD2 is deasserted when VOUT2 is outside
9% (typ.) of its programmed value or during a fault condition (such as thermal shutdown).
PVIN
17, 18, 31, 32, 49, 50,63,
64
I
Power Stage input voltage for CH # 1 to CH # 4. Power for the power stages of CH # 1 to
CH # 4. Connect localized input capacitor close to each set of PVIN pins.
SW2
19-22
—
O
Switching node # 2 pins . Switch phase node output for CH # 2. Connect this pins to the
LC filter for VOUT2. The relative phase for SW2 is 90°.
PGND
23-26, 55-58
—
Power stage ground for CH # 1 to CH # 4. Return for low-side power MOSFETs of CH # 1
to CH # 4. Connect all PGND and GND together.
SW3
27-30
—
O
Switching node # 3 pins . Switch phase node output for CH # 3. Connect this pins to the
LC filter for VOUT3. The relative phase for SW3 is 270°.
PWRGD3
33
—
O
Power Good pin for CH # 3. This is an open drain output. Connect this pin trough a
pull-up resistor to the desired logic level (≤ 7V). PWRGD3 is asserted when VOUT3 is
within 6% (typ.) of its programmed value. PWRGD3 is deasserted when VOUT3 is outside
9% (typ.) of its programmed value or during a fault condition (such as thermal shutdown).
EN3
34
—
I
Enable # 3. Pull this pin high [> VENx_RISING (MAX)] to enable the CH # 3. Pull this pin low
[< VENx_FALLING (MIN)] to disable the CH # 3. Use a voltage divider between VIN and GND
to adjust the turn-on voltage level for CH # 3 as needed.
VSNS3
35
—
I
Inverting input of the gm error amplifier for CH # 3. Connect this pin as close to the load
as possible trough a voltage divider to program the desired output voltage for CH # 3.
SS_TR3
36
—
I/O
Soft Start and tracking for CH # 3. Connect an external capacitor to control the rise time
(or inrush current) for VOUT3 during start-up. This pin can also be used for tracking and
sequencing.
COMP3
37
—
I/O
Compensation pin for CH # 3. Output of the transconductance error amplifier and input
to the inner current loop comparator of CH # 3. Connect the frequency compensation
components for CH # 3 to this pin.
RSC3
38
—
I/O
Slope compensation for CH # 3 pin. A resistor from RSC3 to GND sets the slope
compensation for CH # 3.
SYNC
40
I
SYNC is an input for an external clock. The frequency of the external clock should match
the switching frequency that is set by the resistor between RT and GND by a factor of 4.
(fSYNC = 4 x fSW)
EN_SEQ
41
—
I
Enable Sequence. Pull this pin high [ VEN_SEQ_RISING (MAX)] to start a sequence up,
starting from CH # 1 to CH # 4. To start a reverse sequence down pull this pin low [<
VEN_SEQ_FALLING (MIN)], starting from CH # 4 to CH # 1. When the sequencer feature is
not being used (EN_SEQ = OPEN) and SYNC is externally driven, a 470nF between
EN_SEQ and GND is required.
RT
42
I/O
A resistor connected between RT and GND sets the Switching frequency of the converter.
The Switching frequency range is 100kHz to 1MHz. When an external clock is used, RT
must be selected such that the set switching frequency coincides with the frequency of
the external applied clock. In case of a loss clock the device switches to the internal clock
at the programmed frequency.
RSC4
43
I/O
Slope compensation for CH # 4 pin. A resistor from RSC4 to GND sets the slope
compensation for CH # 4.
www.ti.com
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com