công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPS7H4102PAPTSEP bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện PTPS7H4102PAPTSEP
Giải thích chi tiết về linh kiện  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP bảng dữ liệu(HTML) 4 Page - Texas Instruments

  PTPS7H4102PAPTSEP Datasheet HTML 1Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 2Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 3Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 4Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 5Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 6Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 7Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 8Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
5 Pin Configuration and Functions
TPS7H4104
1
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
48
33
34
35
36
37
38
39
40
41
42
44
43
45
46
47
PWRGD1
EN1
VSNS1
SS_TR1
COMP1
RSC1
GND
REFCAP
VIN
GND
PWRGD2
EN2
VSNS2
SS_TR2
COMP2
RSC2
PWRGD4
EN4
VSNS4
SS_TR4
COMP4
RSC4
RT
SYNC
EN_SEQ
GND
PWRGD3
EN3
VSNS3
SS_TR3
COMP3
RSC3
=0°
=180°
=90°
=270°
Figure 5-1. TPS7H4104
PAP Package
64-Pin HTQFP
Top View
TPS7H4102
1
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
48
33
34
35
36
37
38
39
40
41
42
44
43
45
46
47
PWRGD1
EN1
VSNS1
SS_TR1
COMP1
RSC1
GND
REFCAP
VIN
GND
NC
NC
NC
NC
NC
NC
PWRGD4
EN4
VSNS4
SS_TR4
COMP4
RSC4
RT
SYNC
NC
GND
NC
NC
NC
NC
NC
NC
=0°
=180°
Figure 5-2. TPS7H4102
PAP Package
64-Pin HTQFP
Top View
Table 5-1. Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
TPS7H4104 TPS7H4102
PWRGD1
1
O
Power Good pin for CH # 1. This is an open drain output. Connect this pin trough a
pull-up resistor to the desired logic level (≤ 7V). PWRGD1 is asserted when VOUT1 is
within 6% (typ.) of programmed value. PWRGD1 is deasserted when VOUT1 is outside 9%
(typ.) of programmed value or during a fault condition (such as thermal shutdown).
EN1
2
I
Enable # 1. Pull this pin high [> VENx_RISING (MAX)] to enable the CH # 1. Pull this pin low
[< VENx_FALLING (MIN)] to disable the CH # 1. Use a voltage divider between VIN and GND
to adjust the turn-on voltage level for CH # 1 as needed.
VSNS1
3
I
Inverting input of the gm error amplifier for CH # 1. Connect this pin as close to the load
as possible trough a voltage divider to program the desired output voltage for CH # 1.
SS_TR1
4
I/O
Soft Start and tracking for CH # 1. Connect an external capacitor to control the rise time
(or inrush current) for VOUT1 during start-up. This pin can also be used for tracking and
sequencing.
COMP1
5
I/O
Compensation pin for CH # 1. Output of the transconductance error amplifier and input
to the inner current loop comparator of CH # 1. Connect the frequency compensation
components for CH # 1 to this pin.
RSC1
6
I/O
Slope compensation for CH # 1 pin. A resistor from RSC1 to GND sets the slope
compensation for CH # 1.
GND
7, 10, 39
—
Ground. Return for all internal control circuitry. Connect this pin to PGND for proper
operation.
VIN
8
I
Input voltage. Power for all internal control circuitry for CH # 1 to CH # 4. Voltage
is recommended to be the same voltage as PVIN and is therefore recommended to
externally connect to PVIN. Place a de-coupling capacitor as close as possible to this pin.
REFCAP
9
O
Reference capacitor pin. A 470nF external capacitor is required for the internal bandgap
reference. A voltage of 1.235V(typ.) is present at this pin. Do not connect any external
circuitry to this pin.
RSC2
11
—
I/O
Slope compensation for CH # 2 pin. A resistor from RSC2 to GND sets the slope
compensation for CH # 2.
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com