công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPS7H4102PAPTSEP bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện PTPS7H4102PAPTSEP
Giải thích chi tiết về linh kiện  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button PTPS7H4102PAPTSEP Datasheet HTML 4Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 5Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 6Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 7Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 8Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 9Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 10Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 11Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
6.3 Recommended Operating Conditions
over operating temperature range (unless otherwise noted) (1)
MIN
NOM
MAX
UNIT
Input voltage
VIN, PVINx(2)
3
7
V
ENx, PWRGDx, SYNC, EN_SEQ
0
7
RSCx, COMPx, RTx, SS_TRx
0
3.3
VSNSx
0
0.6
1
Output voltage
SWx
0
7
V
SS_TRx
0
1.5
1.7
COMPx
0
2.1
Output current
HSxAVG
0
2.18
A
LSxAVG
0
2.5
SWxAVG
0
3
RT
–100
100
µA
Input current
PWRGD
0
2
mA
Operating junction temperature
TJ
–55
125
°C
(1)
All voltages values are with respect to GND.
(2)
VIN must be equal to PVIN and startup at the same time. Normally this is achieved by tying them to the same voltage rail.
6.4 Thermal Information
THERMAL METRIC(1)
TPS7H4104
UNIT
QFP PAP
64 PINS
RθJA
Junction-to-ambient thermal resistance
19
℃/W
RθJC_TOP
Junction-to-case (top) thermal resistance
6.2
RθJC_BOT
Junction-to-case (bottom) thermal resistance
0.27
RθJB
Junction-to-board thermal resistance
4.6
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
4.5
(1)
For more information about the traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics
application report (SPRA953).
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com