công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPS7H4102PAPTSEP bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện PTPS7H4102PAPTSEP
Giải thích chi tiết về linh kiện  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button PTPS7H4102PAPTSEP Datasheet HTML 6Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 7Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 8Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 9Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 10Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 11Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 12Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 13Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
6.5 Electrical Characteristics (continued)
Over 3V ≤ VIN ≤ 7V, PVIN = VIN, open loop configuration, over operating temperature range TA = –55°C to 125°C, typical
values are at TA = 25°C, valid for all 4 phases, unless otherwise noted; includes RLAT at TA= 25°C if sub-group number is
present for QML RHA and SEP devices.
PARAMETER
TEST CONDITIONS
SUB-
GROUP(1)
MIN
TYP
MAX
UNIT
OVERCURRENT PROTECTION
IOC_HSx
High-side switch overcurrent
threshold
Slew rate = 25mA/µs
1, 2, 3
5.0
5.6
6.3
A
IOC_LS_SOURCINGx
Low-side switch overcurrent sourcing
threshold
1, 2, 3
4.2
6
7.8
A
IOC_LS_SINKINGx
Low-side switch overcurrent sinking
threshold
1, 2, 3
1.5
2.55
3.9
A
COMPxCLAMP
COMP voltage clamp
1, 2, 3
1.7
1.9
2.13
V
SOFT START AND TRACKING
ISS_TRx
Soft start charge current
VSS_TRx ≥ 90mV
1, 2, 3
1.4
2.28
2.83
µA
RSS_TRx_DISCHARGE
Soft start discharge pull-down resistor VSS_TRx = 110mV
1, 2, 3
230
364
513
Ω
SS_TRxSTART_UP
Maximum voltage on SS before
startup(3)
1, 2, 3
22
50
mV
SLOPE COMPENSATION
SCx
Slope compensation
fSW = 100kHz
RSCx = 1.02MΩ
–0.26
A/µs
fSW = 500kHz
RSCx = 634kΩ
–0.36
A/µs
RSCx = 213kΩ
–1.26
A/µs
RSCx = 147kΩ
–1.81
A/µs
fSW = 1000kHz
RSCx = 97.6kΩ
–2.8
A/µs
MINIMUM ON, OFF AND DEAD TIME
tONx_MIN
Minimum on time
10% of rising edge to
90% of falling edge of
VSWx,
IOUT = 400mA
VIN = 3V
9, 10, 11
163
260
ns
VIN = 5V
9, 10, 11
182
270
VIN = 7V
9, 10, 11
216
320
tOFFx_MIN
Minimum off time
90% of falling edge to 10% of rising edge of
VSWx
216
ns
tDEADx
Dead time
33
ns
SWITCHING FREQUENCY AND SYNCHRONIZATION
fSW
RT programmed switching frequency
RRT = 511kΩ
4, 5, 6
97
103
120
kHz
RRT = 90.9kΩ
4, 5, 6
446
502
564
RRT = 37.4kΩ
4, 5, 6
812
1040
1280
tSYNC_DLY
SYNC to SW delay
VIN = 3V
See Figure 7-5
9, 10, 11
221
314
ns
VIN = 5V
9, 10, 11
194
240
VIN = 7V
9, 10, 11
184
238
VSYNC_VIH
SYNC input high
VIN = 3V
1, 2, 3
1.4
V
VIN = 5V
1, 2, 3
1.8
VIN = 7V
1, 2, 3
2
VSYNC_VIL
SYNC input low
1, 2, 3
0.8
V
fSYNC
SYNC input frequency range
4, 5, 6
400
4000
kHz
DSYNC
SYNC input duty cycle range
external clock duty cycle
4, 5, 6
40%
60%
tCLK_I_E
Internal clock to external clock
detection time
RT populated
See Figure 8-8
9, 10, 11
1
3
× TSW
tCLK_E_I
External clock to internal clock
detection time
RT populated
See Figure 8-9
9, 10, 11
2
6 × TSYNC
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com