công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPS7H4102PAPTSEP bảng dữ liệu(PDF) 45 Page - Texas Instruments

tên linh kiện PTPS7H4102PAPTSEP
Giải thích chi tiết về linh kiện  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP bảng dữ liệu(HTML) 45 Page - Texas Instruments

Back Button PTPS7H4102PAPTSEP Datasheet HTML 41Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 42Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 43Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 44Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 45Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 46Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 47Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 48Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
CSS_TRx_NOMINAL nF =tSS_TRx_NOMINALms ×ISS_TRx μA
VREFxV
(19)
Where:
• tSS_TRx_NOMINAL is the nominal soft-start time in milliseconds (ms).
• ISS_TRx (2.28μA) is the nominal soft-start current in micro-amps (μA).
– For more details on the ISS_TRx refer to SOFT START AND TRACKING section in Section 6.5.
– If desired to minimize the soft-start capacitor error across temperature we can re-center the current as:
ISS_TRx= ISS_TRxMIN +ISS_TRxMAX
2
=2.115μA
(20)
• IOUTx is the maximum expected load for a given channel in Amps (A). The maximum possible load (or upper
bound) for a single channel is 3A.
• VOUTx is the nominal output voltage in Volts (V)
When any of the following four scenarios occur the SS_TRx pin is discharged through the internal
RSS_TRx_DISCHARGE pull-down resistor (typically 364Ω):
• The input UVLO is triggered (VIN < VUVLOF_VIN).
• The ENx pin voltage is a logic low (VENx < VENx_FALLING).
• The CHx is turn off by the internal EN_SEQ logic during sequence down.
• The COMPx pin reaches the COMPxCLAMP threshold.
• A thermal shutdown event occurs.
When the SS_TR pin is discharged, the device cannot restart again until the pin has discharged to below
SS_TRxSTART_UP (typically 22mV) in order to provide proper soft-start behavior
.
8.3.7.3 Safe Start-up Into Pre-biased Outputs
The device prevents the low-side MOSFET from continuously discharging a pre-biased output voltage. This is
achieved by making sure the device always start switching by turning on the high side (PMOS) in conjunction
with an pulse-skipping (hysteresis) mode control during start-up.
8.3.7.4 Tracking and Sequencing (SS_TRx)
In addition to the internal sequence up/down (using EN_SEQ), typical sequence up methodologies as describe
below can be implemented using the SS_TRx, ENx, and PWRGDx pins.
Note
The sequencing methodologies described below offer upwards control, however the system
configuration does not offer reverse sequence down, needed in many applications. For sequential
up and reverse sequence down use the EN_SEQ input as described on the Sequence UP/DOWN
(EN_SEQ) section. For a more comprehensive sequence control the designers can use the
TPS7H3014, a 3V to 14V space-grade sequencer.
The sequential method is shown in Figure 8-10. In this case channel # 1 and #2 of TPS7H4104 are used. As
with any methodology discussed here, the figure can be expanded to any CHx (or from another point of load
converter), however for simplicity the figure shows only 2 channels (in this case CH1 and CH2). The PWRGD1
pin of the first channel is coupled to the EN2 pin of the second channel, which enables the second power supply
after the primary supply reaches regulation (typically 94% during a rising VOUTx voltage) . If a further delay is
desired between sequencing of the first and second channel an optional CPWRGD1 capacitor can be included
on PWRGD1 as well. This causes an RC delay based on the value of the power good pull-up resistor and the
capacitor utilized.
www.ti.com
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com