công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPS7H4102PAPTSEP bảng dữ liệu(PDF) 41 Page - Texas Instruments

tên linh kiện PTPS7H4102PAPTSEP
Giải thích chi tiết về linh kiện  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button PTPS7H4102PAPTSEP Datasheet HTML 37Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 38Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 39Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 40Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 41Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 42Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 43Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 44Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
8.3.6 Adjustable Switching Frequency, Synchronization (SYNC) and Relative Phase Shift
There are two clocking mode options available on the TPS7H410x:
1. Internal clock
2. External clock
The RT and SYNC conditions for both modes is described on Table 8-4.
Table 8-4. Clock Modes
MODE
CLOCK
INPUT CONFIGURATION FOR CLOCK
SYNC INPUT
RT
Internal clock
No Clock (or High Impedance)
Resistor from RT to GND
External clock
Clock with frequency as 4 times the fSW
(fSYNC= 4 x fSW)
Note
If the RT resistor is not connected the device will stop switching.
8.3.6.1 Internal Clock Mode
In internal clock mode (also called internal oscillator mode), the RT resistor is connected between the RT pin and
GND to configure the switching frequency, fSW, of the device. The switching frequency is adjustable from 100kHz
to 1MHz depending on the RT resistor value, which can be calculated using Equation 14. Figure 8-7 shows the
relationship curve between the RT resistor value and the configurable switching frequency range.
RT kΩ =54,462 1fSWkHz −17
(14)
where:
• RT is in kΩ
• fSW in kHz
fSW (kHz)
100
200
300
400
500
600
700
800
900
1000
0
50
100
150
200
250
300
350
400
450
500
550
Figure 8-7. Nominal RT vs Switching Frequency
www.ti.com
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com