công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPS7H4102PAPTSEP bảng dữ liệu(PDF) 52 Page - Texas Instruments

tên linh kiện PTPS7H4102PAPTSEP
Giải thích chi tiết về linh kiện  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP bảng dữ liệu(HTML) 52 Page - Texas Instruments

Back Button PTPS7H4102PAPTSEP Datasheet HTML 48Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 49Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 50Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 51Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 52Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 53Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 54Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 55Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
If the VSNSx pin voltage is greater than the OVP threshold, the high-side MOSFET is turned off, preventing
current from flowing to the output and minimizing output overshoot. When the VSNSx voltage drops lower than
the OVP threshold, the high-side MOSFET is allowed to turn on at the next clock cycle.
8.3.8.3 Thermal Shutdown
The internal thermal shutdown circuitry forces the device to stop switching if the junction temperature exceeds
163°C (typical). The device re-initiates the power-up sequence when the junction temperature drops below
134°C (typical). The low thermal shutdown voltage and large hysteresis aims to keep the device as cool as
possible during this fault condition.
8.3.9 Error Amplifier and Loop Response
Figure 8-16 shows a simplified model for the device control loop. The model can be utilized to aid in determining
the frequency response and transient response of the buck regulator system. The simplified model is composed
of an operational transconductance error amplifier (OTA), the power stage, external feedback, and external
compensation. The effects of slope compensation are not shown in this model. More information on the
error amplifier and power stage are shown in the subsequent sections (Section 8.3.10.1 and Section 8.3.10.2
respectively).
Power Stage
gmPSx
SWx
gmEAx
COMPx
VREFx
COUTx
VOUTx
RF_TOPx
RB_BOTx
LOUT
RSx
CSx
CPx
VSNSx
ESRx
ROUTx
EAx_RO
Figure 8-16. Simplified Small Signal Model For Loop Response
8.3.9.1 Error Amplifier
The TPS7H410x device utilizes a transconductance error amplifier. The error amplifier compares the VSNSx
voltage to the internal VREFx voltage reference. The transconductance of the error amplifier is 1,672μS (typ). The
frequency compensation network is connected between the COMPx pin and ground. The error amplifier DC gain
is typically 16,000 V/V (or 84dB).The error amplifier output resistance is 9.57MΩ (typ).
8.3.9.2 Power Stage Transconductance
The power stage transconductance of the TPS7H410x (gmPSx) is 8.75S (or A/V). For more details refer to the
ERROR AMPLIFIER section in Section 6.5.
8.3.9.3 Slope Compensation
The desired slope compensation, SCx, can be configured with a resistor from the RSCx pin to GND. The
TPS7H410x device adds a compensating ramp to the switch current signal for all duty cycles. Various typical
values of RSCx and the resulting slope compensation are shown in the SLOPE COMPENSATION section in
the Section 6.5. Equation 25 is provided to approximate the value of RSCx needed to achieve a desired slope
compensation (SCx).
RSCx kΩ =−20245∙ 1fSWkHz +428 1SCxAμs −51.1
(25)
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
www.ti.com
52
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com