| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9083BBCZ bảng dữ liệu(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9083BBCZ bảng dữ liệu(HTML) 39 Page - Analog Devices |
|
39 / 93 page ![]() Data Sheet AD9083 Rev. 0 | Page 39 of 93 Table 21. DDC Filter Configurations DDC Input Sample Rate1 DDC Filter Configuration Decimation Ratio Output Bandwidth fIN Not applicable 1 −fIN to +fIN HB1 + HB2 4 0.814 × (−fIN/4 to +fIN/4) HB1 + HB2 + HB3 8 0.814 × (−fIN/8 to +fIN/8) HB1 + PB2 10 0.814 × (−fIN/10 to +fIN/10) HB1 + HB2 + TB3 12 0.814 × (−fIN/12 to +fIN/12) HB1 + HB2 + HB3 + HB4 16 0.814 × (−fIN/16 to +fIN/16) HB1 + PB2 + HB3 20 0.814 × (−fIN/20 to +fIN/20) HB1 + HB2 + TB3 + HB4 24 0.814 × (−fIN/24 to +fIN/24) HB1 + PB2 + TB3 30 0.814 × (−fIN/30 to +fIN/30) HB1 + PB2 + HB3 + HB4 40 0.814 × (−fIN/40 to +fIN/40) HB1 + PB2 + TB3 + HB4 60 0.814 × (−fIN/60 to +fIN/60) 1 fIN = fS/CIC_DEC_RATIO, where fS is the ADC sample rate. Table 22. DDC Filter Coefficients for Various FIR Filters in the AD9083 Coefficient Number HB1 HB2 HB3 HB4 TB3 PB2 1 21'h1FFFF4 19'h000B4 17'h1FF91 19'h006D2 17'h00000 20'h00000 2 21'h00000 19'h00000 17'h00000 19'h00000 17'h00000 20'hFFFF9 3 21'h00002C 19'h7FA7E 17'h0039C 19'h7CBA8 17'h1FFE4 20'hFFFEE 4 21'h00000 19'h00000 17'h00000 19'h00000 17'h1FFA8 20'hFFFE6 5 21'h1FFF8C 19'h01766 17'h1EFC4 19'h12D86 17'h00000 20'h00000 6 21'h00000 19'h00000 17'h00000 19'h20000 17'h001F8 20'h0005A 7 21'h000102 19'h7B3EB 17'h04D0F 19'h12D86 17'h003F0 20'h000F6 8 21'h00000 19'h00000 17'h08000 19'h00000 17'h00000 20'h0018A 9 21'h1FFDFC 19'h1397E 17'h04D0F 19'h7CBA8 17'h1F352 20'h00178 10 21'h00000 19'h20000 17'h00000 19'h00000 17'h1EAB6 20'h00000 11 21'h0003B4 19'h1397E 17'h1EFC4 19'h006D2 17'h00000 20'hFFCD0 12 21'h00000 19'h00000 17'h00000 17'h03E55 20'hFF8B0 13 21'h1FF9A0 19'h7B3EB 17'h0039C 17'h088D8 20'hFF5DC 14 21'h00000 19'h00000 17'h00000 17'h0AAAA 20'hFF77C 15 21'h000A6E 19'h01766 17'h1FF91 17'h088D8 20'h00000 16 21'h00000 19'h00000 17'h03E55 20'h00F00 17 21'h1FEFA7 19'h7FA7E 17'h00000 20'h01F90 18 21'h00000 19'h00000 17'h1EAB6 20'h02894 19 21'h0018C0 19'h000B4 17'h1F352 20'h01FF2 20 21'h00000 17'h00000 20'h00000 21 21'h1FDB90 17'h003F0 20'hFCD26 22 21'h00000 17'h001F8 20'hF98A4 23 21'h003492 17'h00000 20'hF7DEE 24 21'h00000 17'h1FFA8 20'hF9A1E 25 21'h1FB50C 17'h1FFE4 20'h00000 26 21'h00000 17'h00000 20'h0AD60 27 21'h006AD4 17'h00000 20'h186CA 28 21'h00000 20'h25CC0 29 21'h1F64EC 20'h2F99B 30 21'h00000 20'h33330 31 21'h00ED96 20'h2F99B 32 21'h00000 20'h25CC0 33 21'h1E5BAE 20'h186CA 34 21'h00000 20'h0AD60 35 21'h0512F9 20'h00000 |