công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM505LRBABF bảng dữ liệu(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM505LRBABF
Giải thích chi tiết về linh kiện  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF bảng dữ liệu(HTML) 55 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 51Page - Texas Instruments DM505LRBABF Datasheet HTML 52Page - Texas Instruments DM505LRBABF Datasheet HTML 53Page - Texas Instruments DM505LRBABF Datasheet HTML 54Page - Texas Instruments DM505LRBABF Datasheet HTML 55Page - Texas Instruments DM505LRBABF Datasheet HTML 56Page - Texas Instruments DM505LRBABF Datasheet HTML 57Page - Texas Instruments DM505LRBABF Datasheet HTML 58Page - Texas Instruments DM505LRBABF Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 290 page
background image
55
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
4.3.16 DCAN and MCAN
NOTE
For more information, see the Serial Communication Interface / DCAN section of the device
TRM.
CAUTION
The IO timings provided in Section 5.9, Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-61.
Table 4-17. DCAN and MCAN Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
DCAN 1
dcan1_rx
DCAN1 receive data pin
IO
C14, D15, N6
dcan1_tx
DCAN1 transmit data pin
IO
D14, F14, N5
MCAN
mcan_rx
MCAN receive data pin
IO
E14, F16, W6
mcan_tx
MCAN transmit data pin
IO
F13, F15, W7
4.3.17 GMAC_SW
NOTE
For more information, see the Serial Communication Interfaces / Gigabit Ethernet Switch
(GMAC_SW) section of the device TRM.
Table 4-18. GMAC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
rgmii0_rxc
RGMII0 Receive Clock
I
B18
rgmii0_rxctl
RGMII0 Receive Control
I
C18
rgmii0_rxd0
RGMII0 Receive Data
I
A20
rgmii0_rxd1
RGMII0 Receive Data
I
C20
rgmii0_rxd2
RGMII0 Receive Data
I
B20
rgmii0_rxd3
RGMII0 Receive Data
I
A19
rgmii0_txc
RGMII0 Transmit Clock
O
C16
rgmii0_txctl
RGMII0 Transmit Enable
O
C17
rgmii0_txd0
RGMII0 Transmit Data
O
F17
rgmii0_txd1
RGMII0 Transmit Data
O
E17
rgmii0_txd2
RGMII0 Transmit Data
O
D16
rgmii0_txd3
RGMII0 Transmit Data
O
E16
rgmii1_rxc
RGMII1 Receive Clock
I
D7
rgmii1_rxctl
RGMII1 Receive Control
I
C10
rgmii1_rxd0
RGMII1 Receive Data
I
F8
rgmii1_rxd1
RGMII1 Receive Data
I
A7
rgmii1_rxd2
RGMII1 Receive Data
I
E8
rgmii1_rxd3
RGMII1 Receive Data
I
D8
rgmii1_txc
RGMII1 Transmit Clock
O
C12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com