công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM505LRBABF bảng dữ liệu(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM505LRBABF
Giải thích chi tiết về linh kiện  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF bảng dữ liệu(HTML) 51 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 47Page - Texas Instruments DM505LRBABF Datasheet HTML 48Page - Texas Instruments DM505LRBABF Datasheet HTML 49Page - Texas Instruments DM505LRBABF Datasheet HTML 50Page - Texas Instruments DM505LRBABF Datasheet HTML 51Page - Texas Instruments DM505LRBABF Datasheet HTML 52Page - Texas Instruments DM505LRBABF Datasheet HTML 53Page - Texas Instruments DM505LRBABF Datasheet HTML 54Page - Texas Instruments DM505LRBABF Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 290 page
background image
51
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-11. Timers Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
timer1
PWM output/event trigger input
IO
D14, R7
timer2
PWM output/event trigger input
IO
D15, D6
timer3
PWM output/event trigger input
IO
C5, F14, L1
timer4
PWM output/event trigger input
IO
C14, C6, L2
timer5
PWM output/event trigger input
IO
E7, N4
timer6
PWM output/event trigger input
IO
F7, R5
timer7
PWM output/event trigger input
IO
B6, F15
timer8
PWM output/event trigger input
IO
F16
4.3.11 I
2C
NOTE
For more information, see the Serial Communication Interface / Multimaster I2C Controller /
I2C Environment / I2C Pins for Typical Connections in I2C Mode section of the device TRM.
Table 4-12. I2C Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Inter-Integrated Circuit Interface (I2C1)
i2c1_scl
I2C1 Clock
IOD
L3
i2c1_sda
I2C1 Data
IOD
L4
Inter-Integrated Circuit Interface (I2C2)
i2c2_scl
I2C2 Clock
IOD
L6
i2c2_sda
I2C2 Data
IOD
L5
4.3.12 UART
NOTE
For more information see the Serial Communication Interface UART section of the device
TRM.
CAUTION
The IO timings provided in Section 5.9, Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-45.
Table 4-13. UART Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Universal Asynchronous Receiver/Transmitter (UART1)
uart1_ctsn
UART1 clear to send active low
I
F14
uart1_rtsn
UART1 request to send active low
O
C14
uart1_rxd
UART1 Receive Data
I
F13
uart1_txd
UART1 Transmit Data
O
E14
Universal Asynchronous Receiver/Transmitter (UART2)
uart2_ctsn
UART2 clear to send active low
I
F15
uart2_rtsn
UART2 request to send active low
O
F16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com