công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GMS30004 bảng dữ liệu(PDF) 74 Page - Hynix Semiconductor

tên linh kiện GMS30004
Giải thích chi tiết về linh kiện  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 bảng dữ liệu(HTML) 74 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 70Page - Hynix Semiconductor GMS30004 Datasheet HTML 71Page - Hynix Semiconductor GMS30004 Datasheet HTML 72Page - Hynix Semiconductor GMS30004 Datasheet HTML 73Page - Hynix Semiconductor GMS30004 Datasheet HTML 74Page - Hynix Semiconductor GMS30004 Datasheet HTML 75Page - Hynix Semiconductor GMS30004 Datasheet HTML 76Page - Hynix Semiconductor GMS30004 Datasheet HTML 77Page - Hynix Semiconductor GMS30004 Datasheet HTML 78Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 158 page
background image
5 - 20
BP (Break Point set), BL (Break point List)
[Function]
BP
To set the break point.
BL
To display the set break point
BPS
To set step break point.
[Format]
BP[n]_adr[_m]
ã
n :
Set break No. 0~9.
adr :
Set address for setting break
m :
Valid only when n=0, setting No. of times to pass the break
point. The m range is 1
õmõ255. m value should be set in
hexadecimal.
BPS_st
ã
st :
Set No. of steps.
st range is 1
õstõ2147483647.
st value should be set in decimal.
BPI
ã
BPO
ã
BL
ã
[Explanation]
This command is used to the break point.
Break on this simulator is to stop after executing the command on the specified
address.
When `BPS st` is specified, the system stops when the value on the machine
cycle register becomes equal to st.
When `BPI` is specified, the system stops before command execution every time
command input is made.
Unassemble displayed in this case is the address with input command.
When `BPO` is specified, the system displays the value on that occasion on CRT
and stops every time output command is made.
When `BP` only or `BL` is specified, the state of the currently set break point is
displayed.
It is possible to used symbols for specifying adr.
When `n` is omitted in break setting command, No. shall be allocated from 1 to all
empty No.
Chapter 5. Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com