| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS30004 bảng dữ liệu(PDF) 98 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS30004 bảng dữ liệu(HTML) 98 Page - Hynix Semiconductor |
|
98 / 158 page ![]() U (Unassemble) [Function] To unassemble the area specified with <In> from the specified <address> and to display in mnemonic. [Format] U_[<address>] [_<In>] ã [Explanation] With this, the system unassembles the area specified with <In> from the specified <address> and displays in mnemonic. When [<address>] [<In>] are omitted, unassembling is performed from the address immediately after the display start address. Default value for <In> is 16. However, [<address>] cannot be omitted separately. [e.g] >U 200 L4 ã ã 0200 40 LYI 00 0201 21 LAM 0203 77 ALEI 0E 0207 AF BR 2F > WP (Write Program to MS-DOS* file) [Function] To read data from the whole ROM area and write data in the file specified with <file name>. [Format] WP_<file name> ã [Explanation] With this, the system reads data from the whole ROM area and writes data in the file specified with <file name>. The file format is the same as the Intel hexa. [e.g] >WP_test. rhx ã ã . . . . . . . . . . . . .. . . . . . . . . . Program write Chapter 5. Software 5 - 44 |