| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS30004 bảng dữ liệu(PDF) 83 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS30004 bảng dữ liệu(HTML) 83 Page - Hynix Semiconductor |
|
83 / 158 page ![]() G (Go) [Function] To execute the program in the specified program memory [Format] G_[<Address 1>][_<Address 2>]...[_<Address 8>] ã [Explanation] With this, the system executes the program address specified with =, [=<address 1>] is omittable. When omitted, the command is executed from the present `PC` address. The system also sets a break point in the specified address after [_<address2>] . When `g` command is executed, simulation is started after outputting `RUN` message. When any key is pressed in this state, simulation is stopped. It is possible to use symbols in the <address>. [e.g] 1) >G ã ã RUN ******** User Break Point !! ******** 010E 20 LMAIY PC=01 PA=1D PB=01 A=7 X=1 Y=8 ST=1 PMR=0 WD=0000 MC=297 > 2) >G=.START 37 3 ã ã ******** Go Break Point !! ******** 0003 BF BR 3F PC=00 PA=07 PB=06 A=F X=3 Y=5 ST=1 PMR=0 WD=0000 MC=808 > Chapter 5. Software 5 - 29 |