| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS30004 bảng dữ liệu(PDF) 88 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS30004 bảng dữ liệu(HTML) 88 Page - Hynix Semiconductor |
|
88 / 158 page ![]() Q (Quit) [Function] To return to PC-DOS [Format] Q ã [Explanation] When this command is executed on the system with prompt (*display) waiting for a command, the system moves from `simulator` Mode to `MS-DOS*` Mode. [e.g] 1)Q ã ã A> R (Register dump or change) [Function] To display and modify the register data. [Format] R ã R_x ã R_a=x ã [Explanation] With this, the register data is displayed and modified. When `R ã` only is executed, all the registers are displayed. [e.g] >R ã ã PC=00 PA=3E PB=00 A=0 X=0 Y=1 ST=1 PMR=0 WD=0000 MC=10392 SP=0 SR0=0000 SR1=0000 SR2=0000 >R PC=23 ã ã >R PC ã ã PC=23 >R MC =0 ã ã >R MC ã ã MC=0 > Chapter 5. Software 5 - 34 |