| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS30004 bảng dữ liệu(PDF) 41 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS30004 bảng dữ liệu(HTML) 41 Page - Hynix Semiconductor |
|
41 / 158 page ![]() 3 - 14 (26) DY Naming : Decrement Y-Register and Status 1 on Not Borrow Status : Carry to status Format : é Function : Y à Y -1 ST à 1 (when Y ö 1) ST à 0 (when Y = 0) <Purpose> Data of the Y-register is decremented by one. <Comment> Data of the Y-register is decremented by one by addition of minus 1 (Fh). Carry data as results is transferred to the status. When the results is equal to 15, the status is set to indicate that no borrow has not occurred. (27) EORM Naming : Exclusive or Memory and Accumulator Status : Set Format : é Function : A à M(X,Y) + A <Comment> Data of the accumulator is, through a Exclusive OR, subtracted from the memory word addressed by X and Y- register. Results are stored into the accumulator. (28) NEGA Naming : Negate Accumulator and Status 1 on Zero Status : Carry to status Format : é Function : A à A + 1 ST à 1(when A = 0) ST à 0 (when A != 0) <Purpose> The 2`s complement of a word in the accumulator is obtained. <Comment> The 2`s complement in the accumulator is calculated by adding one to the 1`s complement in the accumulator. Results are stored into the accumulator. Carry data is transferred to the status. When data of the accumulator is zero, a carry is caused to set the status to Ì1Ì. Chapter 3. Instruction |