| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS30004 bảng dữ liệu(PDF) 56 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS30004 bảng dữ liệu(HTML) 56 Page - Hynix Semiconductor |
|
56 / 158 page ![]() 5 - 2 Configuration of Simulator 1. Overview The simulator is a program for GMS300 Series 4-bit one-chip microcomputer. The environment is organized based upon Hexa file of *.RHX and Cross Reference file of *.CRF generated by assembling the source program coded by programmer. Execution Environment System : IBM-PC/AT or higher (MS-DOS or PC-DOS) Video : Hercules, EGA or VGA color Organizing files GSSIM.EXE : Simulator execution file GMS30K.GSP : Store the simulator environment. It is generated automatically when executing the program initially (Selected CPU. Store the file names previously loaded.). GMS30K.HLP : Help file of simulator commands. GMS30K.LOG : Record the working history of users. Generated by LOG ON and LOG OFF commands. *.BAT : List a set of simulator command. Generated by user. PORTIN.DAT : Provide the port input-value when executing the simulator. Generated by user. Supporting CPU GMS30004, GMS30012, GMS30112, GMS30120, GMS30140 Chapter 5. Software |