| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS30004 bảng dữ liệu(PDF) 73 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS30004 bảng dữ liệu(HTML) 73 Page - Hynix Semiconductor |
|
73 / 158 page ![]() 5 - 19 A (Assemble) [Function] To assemble commands for each line from the specified <address> and write them in the memory. [Format] > A_ [<address>] ã [Explanation] With this, the system assembles commands for each line from the specified <address> and writes them in the memory. When <address> is omitted, data is written from the current `PC` address. Assemble can be finished by keying in `.`. When `_` is keyed in, the system goes back the address just before the current one. [e.g.] >A 200 ã ã 0200 40 LYI 0 SO ã ã 0201 21 LAM LMA ã ã 0203 77 ALEI 14 - ã ã 0201 03 LMA - ã ã 0200 0D SO . ã ã > BAT (Batch) [Function] To execute commands in the command file in a batch. When there is a format error, execution is stopped there and command error is issued. [Format] BAT_<File Name> ã [Explanation] With this command, the system executes commands in the command file in a batch. When there is a format error, execution is stopped there and command error is issued. In order to execute this command, it is required to create the command file on the editor in advance. [e.g] >BAT test.bat ã ã >R PA 0 >R PB 0BATCH END > Chapter 5. Software |