| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS30004 bảng dữ liệu(PDF) 33 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS30004 bảng dữ liệu(HTML) 33 Page - Hynix Semiconductor |
|
33 / 158 page ![]() 3 - 6 Detailed Description (1) LAY Naming : Load Accumulator from Y-Register Status : Set Format : I Function : A à Y <Comment> Data of four bits in the Y-register is unconditionally transferred to the accumulator. Data in the Y-register is left unchanged. (2) LYA Naming : Load Y-register from Accumulator Status : Set Format : I Function : Y à A <Comment> Load Y-register from Accumulator (3) LAZ Naming : Clear Accumulator Status : Set Format : I Function : A à 0 <Comment> Data in the accumulator is unconditionally reset to zero. (4) LMA Naming : Load Memory from Accumulator Status : Set Format : I Function : M(X,Y) à A <Comment> Data of four bits from the accumulator is stored in the RAM location addressed by the X-register and Y-register. Such data is left unchanged. (5) LMAIY Naming : Load Memory from Accumulator and Increment Y-Register Status : Set Format : I Function : M(X,Y) à A, Y à Y+1 <Comment> Data of four bits from the accumulator is stored in the RAM location addressed by the X-register and Y-register. Such data is left unchanged. Chapter 3. Instruction |