công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GMS30004 bảng dữ liệu(PDF) 53 Page - Hynix Semiconductor

tên linh kiện GMS30004
Giải thích chi tiết về linh kiện  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 bảng dữ liệu(HTML) 53 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 49Page - Hynix Semiconductor GMS30004 Datasheet HTML 50Page - Hynix Semiconductor GMS30004 Datasheet HTML 51Page - Hynix Semiconductor GMS30004 Datasheet HTML 52Page - Hynix Semiconductor GMS30004 Datasheet HTML 53Page - Hynix Semiconductor GMS30004 Datasheet HTML 54Page - Hynix Semiconductor GMS30004 Datasheet HTML 55Page - Hynix Semiconductor GMS30004 Datasheet HTML 56Page - Hynix Semiconductor GMS30004 Datasheet HTML 57Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 158 page
background image
4 - 6
Caution on Operation
• It is required to install a 24DIP IC socket in the application system. The
connection cable is connected to the socket.
• There is a possibility that the ceramic oscillator on the application system cannot
oscillate properly due to the influence of connection cable wiring capacitor or other
reasons. In such a case, install the oscillator on the evaluation board.
• Since the GMS 30000 EVA is designed to evaluate the program operations, there
is a case where the AC and DC characteristics differ from those of the mass-
produced chips
Chapter 4. Evaluation Board
S3
S5
S6
HL
UX
UX
M
K
128
Connector
1
80
E V A
M1
GND
CX3
CX2
X1
X0
AC3
AC2
AC1
AC0
Y3
Y2
Y1
Y0
WDTR
REM DATA
S2
HL
S1
BKPOINT
WDTM
DSC7
DSC6
DSC5
DSC4
DSC3
DSC2
DSC1
DSC0
HL
RSR0
RSR1
RSR2
RSR3
RPU0
RPU1
RPU2
RPU3
KSR0
KSR1
KSR2
KSR3
(80QFP)
Connector
(24Pin Socket)
GSEN
EVA30000
USER
S1
H
L
T1
T2
GND
JP
S4
S7
S8
H
L
MK
MK
Fig 4-1 Layout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More