công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GMS30004 bảng dữ liệu(PDF) 86 Page - Hynix Semiconductor

tên linh kiện GMS30004
Giải thích chi tiết về linh kiện  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 bảng dữ liệu(HTML) 86 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 82Page - Hynix Semiconductor GMS30004 Datasheet HTML 83Page - Hynix Semiconductor GMS30004 Datasheet HTML 84Page - Hynix Semiconductor GMS30004 Datasheet HTML 85Page - Hynix Semiconductor GMS30004 Datasheet HTML 86Page - Hynix Semiconductor GMS30004 Datasheet HTML 87Page - Hynix Semiconductor GMS30004 Datasheet HTML 88Page - Hynix Semiconductor GMS30004 Datasheet HTML 89Page - Hynix Semiconductor GMS30004 Datasheet HTML 90Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 158 page
background image
MPP (Move Program memory)
[Function]
To transfer memory area data to other area.
[Format]
MPP_<address_s>_<In>_<address_d>
ã
[Explanation]
With this command, the system transfers data upto the No. of words specified
with <In> from the address specified with <address_s> to the area specified with
<address_d>.
The address used with this command is polynomial.
[e.g]
>MPP
100
200
300
ã
ã
>
MPS (Move Program memory)
[Function]
To transfer memory area data to other area.
[Format]
MPS_<address_s>_<In>_<address_d>
ã
[Explanation]
With this command, the system transfers data upto the No. of words specified
with <In> from the address specified with <address_s> to the area specified with
<address_d>.
The address used with this command is sequential.
[e.g]
>MPS
100
200
300
ã
ã
>
Chapter 5. Software
5 - 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More