| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS30004 bảng dữ liệu(PDF) 93 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS30004 bảng dữ liệu(HTML) 93 Page - Hynix Semiconductor |
|
93 / 158 page ![]() SL (Symbol file Load) [Function] To load the symbol table from the specified symbol file. [Format] SL_<file name> ã [Explanation] The system reads the symbol table from the specified symbol file. When symbols are used with `U` or `A` or other commands on this system, this command should be executed first prior to the execution of those commands. When executing this command, the symbol table in the memory shall be cleared. Data not in the set format shall not be loaded. File format : Address_symbol_I ã (_indicates space or tab. Space or tab after the symbol is valid but those coming later shall be ignored.) Address should be polynomial here. [e.g] >SL_TEST. CRF ã ã . . . . . . . . . . . . . . . . . . . . . . . . . . Symbol load OK! > Chapter 5. Software 5 - 39 |