| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS30004 bảng dữ liệu(PDF) 103 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS30004 bảng dữ liệu(HTML) 103 Page - Hynix Semiconductor |
|
103 / 158 page ![]() - PORTIN.DAT` File not found ! : It occurs when there is no PORTIN.DAT file . - Symbol file format mismatch! : It occurs when the format of the symbol file(.CRF) to load is not correct. - Write error! : It occurs when the disk capacity is lack. Store the empty disk . - ^??? : It occurs when the commands is input incorrectly in command window. Check if it is the command provided from the simulator. - ???^ : It occurs when the command is input correctly in command window, but input format of paramater value is not mismatch. Check the parameter format the corresponding command requests. - ??? : It is displayed when the errors except for ^??? and ???^ happen in command window. Chapter 5. Software 5 - 49 |