| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5744P bảng dữ liệu(PDF) 97 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P bảng dữ liệu(HTML) 97 Page - Freescale Semiconductor, Inc |
|
97 / 114 page ![]() Electrical characteristics MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 97 Figure 27. Nexus Aurora timings 3.17.4 External interrupt timing (IRQ pin) Table 44. External interrupt timing No. Symbol C Parameter Conditions Min Max Unit 1tIPWL CC D IRQ pulse width low — 3 — tCYC 2tIPWH CC D IRQ pulse width high — 3 — tCYC 3tICYC CC D IRQ edge to edge time1 NOTES: 1 Applies when IRQ pins are configured for rising edge or falling edge events, but not both. —6 — tCYC Tx Data [m] Zero Crossover CLOCKREF - CLOCKREF + 2 Zero Crossover 1a 1a 1a 1a 2 1 Tx Data - Tx Data + Ideal Zero Crossover Tx Data [n] Zero Crossover Tx Data [n+1] Zero Crossover 9 9 8 8 8 |