công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5744P bảng dữ liệu(PDF) 26 Page - Freescale Semiconductor, Inc

tên linh kiện MPC5744P
Giải thích chi tiết về linh kiện  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P bảng dữ liệu(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Pinouts
Freescale Semiconductor
26
B[14]
MSCR[30]
0000
(Default)
GPI[30]3
ADC1_AN[1]
SIUL2-GPI[30]
General Purpose Input B[14]
I
64
75
P11
0001
-
Reserved
-
-
0010-1111
-
Reserved
-
IMCR[63]
0001
ETC4
eTimer_0
eTimer_0 Input Data Channel
4
I
IMCR[192]
0001
REQ19
SIUL2
SIUL2 External Interrupt
Source 19
I
B[15]
MSCR[31]
0000
(Default)
GPI[31]3
ADC1_AN[2]
SIUL2-GPI[31]
General Purpose Input B[15]
I
62
73
R11
0001
-
Reserved
-
-
0010-1111
-
Reserved
-
-
IMCR[193]
0001
REQ20
SIUL2
SIUL2 External Interrupt
Source 20
I
C[0]
MSCR[32]
0000
(Default)
GPI[32]3
ADC1_AN[3]
SIUL2-GPI[32]
General Purpose Input C[0]
I
66
77
R12
0001
-
Reserved
-
-
0010-1111
-
Reserved
-
-
C[1]
MSCR[33]
0000
(Default)
GPI[33]3
ADC0_AN[2]
SIUL2-GPI[33]
General Purpose Input C[1]
I
41
49
T4
0001
-
Reserved
-
-
0010-1111
-
Reserved
-
-
C[2]
MSCR[34]
0000
(Default)
GPI[34]3
ADC0_AN[3]
SIUL2-GPI[34]
General Purpose Input C[2]
I
45
53
U5
0001
-
Reserved
-
-
0010-1111
-
Reserved
-
-
C[4]
MSCR[36]
0000
(Default)
GPIO[36]
SIUL2-GPIO[36]
General Purpose IO C[4]
I/O
11
15
H3
0001
CS0
DSPI0
DSPI 0 Peripheral Chip Select
0
I/O
0010
X1
FlexPWM_0
FlexPWM_0 Auxiliary
Input/Output 1
I/O
0011
DEBUG4
SSCM
SSCM Debug Output 4
O
0100-1111
-
Reserved
-
-
IMCR[195]
0001
REQ22
SIUL2
SIUL2 External Interrupt
Source 22
I
Table 7. Pin Muxing (continued)
Port
Pin
SIUL2
MSCR/
IMCR
Number
MSCR/
IMCR
SSS
Value
Signal
Module
Short Signal Description
Dir



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More