| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5744P bảng dữ liệu(PDF) 34 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P bảng dữ liệu(HTML) 34 Page - Freescale Semiconductor, Inc |
|
34 / 114 page ![]() MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Pinouts Freescale Semiconductor 34 E[11] MSCR[75] 0000 (Default) GPI[75]3 ADC1_ADC3_A N[5] SIUL2-GPI[75] General Purpose Input E[11] I 65 76 U11 0001 - Reserved - - 0010-1111 - Reserved - - E[12] MSCR[76] 0000 (Default) GPI[76]3 ADC1_ADC3_A N6] SIUL2-GPI[76] General Purpose Input E[12] I 67 78 T12 0001 - Reserved - - 0010-1111 - Reserved - - E[13] MSCR[77] 0000 (Default) GPIO[77] SIUL2-GPIO[77] General Purpose IO E[13] I/O 117 144 A11 0001 ETC5 eTimer_0 eTimer_0 Input/Output Data Channel 5 I/O 0010 CS3 DSPI2 DSPI 2 Peripheral Chip Select 3 O 0011 CS4 DSPI1 DSPI 1 Peripheral Chip Select 4 O 0100-1111 - Reserved - - IMCR[198] 0001 REQ25 SIUL2 SIUL2 External Interrupt Source 25 I IMCR[64] 0100 ETC5 eTimer_0 eTimer_0 Input Data Channel I E[14] MSCR[78] 0000 (Default) GPIO[78] SIUL2-GPIO[78] General Purpose IO E[14] I/O 119 148 B10 0001 ETC5 eTimer_1 eTimer_1 Input/Output Data Channel 5 I/O 0010 - Reserved - - 0011 CS5 DSPI1 DSPI 1 Peripheral Chip Select 5 O 0100 B2 FlexPWM_1 FlexPWM_1 Channel B Input/Output 2 I/O 0101-1111 - Reserved - - IMCR[113] 0001 B2 FlexPWM_1 FlexPWM_1 Channel B Input 2 I IMCR[199] 0001 REQ26 SIUL2 SIUL2 External Interrupt Source 26 I Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |