| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5744P bảng dữ liệu(PDF) 45 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P bảng dữ liệu(HTML) 45 Page - Freescale Semiconductor, Inc |
|
45 / 114 page ![]() Pinouts MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 45 I[10] MSCR[138] 0000 (Default) GPIO[138] SIUL2-GPIO[138] General Purpose IO I[10] I/O M3 0001 ETC5 eTimer_2 eTimer_2 Input/Output Data Channel 5 I/O 0010-1111 - Reserved - - I[11] MSCR[139] 0000 (Default) GPIO[139] SIUL2-GPIO[139] General Purpose IO I[11] I/O U3 0001 - Reserved - - 0010-1111 - Reserved - - IMCR[206] 0001 SENT_RX[1] SENT0 SENT 0 Receiver channel 1 I I[12] MSCR[140] 0000 (Default) GPIO[140] SIUL2-GPIO[140] General Purpose IO I[12] I/O P5 0001 - Reserved - - 0010-1111 - Reserved - - IMCR[214] 0001 SENT_RX[1] SENT1 SENT 1 Receiver channel 1 I I[13] MSCR[141] 0000 GPIO[141] SIUL2-GPIO[141] General Purpose IO I[13] I/O P6 0001 EXT_TGR CTU_1 CTU1 External Trigger Output I/O 0010-1111 - Reserved - - I[14] MSCR[142] 0000 (Default) GPIO[142] SIUL2-GPIO[142] General Purpose IO I[14] I/O C10 0001 CS0 DSPI3 DSPI 3 Peripheral Chip Select 0 O 0010-1111 - Reserved - - I[15] MSCR[143] 0000 (Default) GPIO[143] SIUL2-GPIO[143] General Purpose IO I[15] I/O C1 0001 SCK DSPI3 DSPI 3 Serial Clock (output) I/O 0010-1111 - Reserved - - J[0] MSCR[144] 0000 (Default) GPIO[144] SIUL2-GPIO[144] General Purpose IO J[0] I/O C2 0001 SOUT DSPI3 DSPI 3 Serial Data Out O 0010-1111 - Reserved - - Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |