| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5744P bảng dữ liệu(PDF) 24 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P bảng dữ liệu(HTML) 24 Page - Freescale Semiconductor, Inc |
|
24 / 114 page ![]() MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Pinouts Freescale Semiconductor 24 B[2] MSCR[18] 0000 (Default) GPIO[18] SIUL2-GPIO[18] General Purpose IO B[2] I/O 114 141 C12 0001 TXD LIN0 LINFlexD 0 Transmit Pin O 0010 - Reserved - - 0011 DEBUG2 SSCM SSCM Debug Output 2 O 0100-1111 - Reserved - - IMCR[190] 0001 REQ17 SIUL2 SIUL2 External Interrupt Source 17 I B[3] MSCR[19] 0000 (Default) GPIO[19] SIUL2-GPIO[19] General Purpose IO B[3] I/O 116 143 B12 0001 - Reserved - - 0010 - Reserved - - 0011 DEBUG3 SSCM SSCM Debug Output 3 O 0100-1111 - Reserved - - IMCR[165] 0001 RXD LIN0 LIN 0 Receive Pin I B[4] MSCR[20] 0000 GPIO[20] SIUL2-GPIO[20] General Purpose IO B[4] I/O 89 113 G14 0001 (Default) TDO TDO_MUX JTAGC Test Data Out (TDO) O 0010-1111 - Reserved - - B[5] MSCR[21] 0000 (Default) GPIO[21] SIUL2-GPIO[21] JTAGC Test Data In (TDI)2 General Purpose IO B[5] I/O 86 109 J17 0001 - Reserved - - 0010-1111 - Reserved - - B[6] MSCR[22] 0000 (Default) GPIO[22] SIUL2-GPIO[22] General Purpose IO B[6] I/O 138 170 B5 0001 CLK_OUT MC_RGM CGM Clock out for off-chip use and observation O 0010 CS2 DSPI2 DSPI 2 Peripheral Chip Select 2 O 0011-1111 - Reserved - - IMCR[191] 0001 REQ18 SIUL2 SIUL2 External Interrupt Source 18 I Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |