| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5744P bảng dữ liệu(PDF) 38 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P bảng dữ liệu(HTML) 38 Page - Freescale Semiconductor, Inc |
|
38 / 114 page ![]() MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Pinouts Freescale Semiconductor 38 G[2] MSCR[98] 0000 (Default) GPIO[98] SIUL2-GPIO[98] General Purpose IO G[2] I/O 102 126 F17 0001 X2 FlexPWM_0 FlexPWM_0 Auxiliary Input/Output 1 I/O 0010 CS1 DSPI1 DSPI 1 Peripheral Chip Select 1 O 0011-1111 - Reserved - - G[3] MSCR[99] 0000 (Default) GPIO[99] SIUL2-GPIO[99] General Purpose IO G[3] I/O 104 128 E16 0001 A2 FlexPWM_0 FlexPWM_0 Channel A Input/Output 2 I/O 0010-1111 - Reserved - - IMCR[63] 0010 ETC4 eTimer_0 eTimer_0 Input Data Channel 4 I G[4] MSCR[100] 0000 (Default) GPIO[100] SIUL2-GPIO[100] General Purpose IO G[4] I/O 100 124 F16 0001 B2 FlexPWM_0 FlexPWM_0 Channel B Input/Output 2 I/O 0010-1111 - Reserved - - IMCR[64] 0010 ETC5 eTimer_0 eTimer_0 Input Data Channel 5 I G[5] MSCR[101] 0000 (Default) GPIO[101] SIUL2-GPIO[101] General Purpose IO G[5] I/O 85 107 M17 0001 X3 FlexPWM_0 FlexPWM_0 Auxiliary Input/Output 3 I/O 0010 CS3 DSPI2 DSPI 2 Peripheral Chip Select 3 O 0011-1111 - Reserved - - G[6] MSCR[102] 0000 (Default) GPIO[102] SIUL2-GPIO[102] General Purpose IO G[6] I/O 98 122 G17 0001 A3 FlexPWM_0 FlexPWM_0 Channel A Input/Output 3 I/O 0010-1111 - Reserved - - Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |