| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5744P bảng dữ liệu(PDF) 25 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P bảng dữ liệu(HTML) 25 Page - Freescale Semiconductor, Inc |
|
25 / 114 page ![]() Pinouts MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 25 B[7] MSCR[23] 0000 (Default) GPI[23]3 ADC0_AN[0] SIUL2-GPI[23] General Purpose Input B[7] I 43 51 R5 0001 - Reserved - - 0010-1111 - Reserved - - IMCR[165] 0010 RXD LIN0 LIN 0 Receive Pin I B[8] MSCR[24] 0000 GPI[24]3 ADC0_AN[1] SIUL2-GPI[24] General Purpose Input B[8] I 47 55 P7 0001 - Reserved - - 0010-1111 - Reserved - - IMCR[64] 0001 ETC5 eTimer_0 eTimer_0 Input Data Channel 5 I B[9] MSCR[25] 0000 (Default) GPI[25]3 ADC0_AN[2] SIUL2-GPI[25] General Purpose Input B[9] I 52 60 U7 0001 - Reserved - - 0010-1111 - Reserved - - B[10] MSCR[26] 0000 (Default) GPI[26]3 ADC0_ADC1_A N[12] SIUL2-GPI[26] General Purpose Input B[10] I 53 61 R8 0001 - Reserved - - 0010-1111 - Reserved - - B[11] MSCR[27] 0000 (Default) GPI[27]3 ADC0_ADC1_A N[13] SIUL2-GPI[27] General Purpose Input B[11] I 54 62 T8 0001 - Reserved - - 0010-1111 - Reserved - - B[12] MSCR[28] 0000 (Default) GPI[28]3 ADC0_ADC1_A N[14] SIUL2-GPI[28] General Purpose Input B[12] I 55 63 U8 0001 - Reserved - - 0010-1111 - Reserved - - B[13] MSCR[29] 0000 (Default) GPI[29]3 ADC1_AN[0] SIUL2-GPI[29] General Purpose Input B[13] I 60 71 R10 0001 - Reserved - - 0010-1111 - Reserved - - IMCR[166] 0001 RXD LIN1 LIN 1 Receive Pin I Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |