| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5744P bảng dữ liệu(PDF) 27 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P bảng dữ liệu(HTML) 27 Page - Freescale Semiconductor, Inc |
|
27 / 114 page ![]() Pinouts MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 27 C[5] MSCR[37] 0000 (Default) GPIO[37] SIUL2-GPIO[37] General Purpose IO C[5] I/O 13 17 G3 0001 SCK DSPI0 DSPI 0 Serial Clock (output) I/O 0010 - Reserved - - 0011 DEBUG5 SSCM SSCM Debug Output 5 O 0100-1111 - Reserved - - IMCR[86] 0001 FAULT3 FlexPWM_0 FlexPWM_0 Fault Input 3 I IMCR[196] 0001 REQ23 SIUL2 SIUL2 External Interrupt Source 23 I C[6] MSCR[38] 0000 (Default) GPIO[38] SIUL2-GPIO[38] General Purpose IO C[6] I/O 142 174 D4 0001 SOUT DSPI0 DSPI 0 Serial Data Out O 0010 B1 FlexPWM_0 FlexPWM_0 Channel B Input/Output 1 I/O 0011 DEBUG6 SSCM SSCM Debug Output 6 O 0100-1111 - Reserved - - IMCR[197] 0001 REQ24 SIUL2 SIUL2 External Interrupt Source 24 I C[7] MSCR[39] 0000 (Default) GPIO[39] SIUL2-GPIO[39] General Purpose IO C[7] I/O 15 19 J1 0001 - Reserved - - 0010 A1 FlexPWM_0 FlexPWM_0 Channel A Input/Output 1 I/O 0011 DEBUG7 SSCM SSCM Debug Output 7 O 0100-1111 - Reserved - - IMCR[41] 0001 SIN DSPI0 DSPI 0 Serial Data Input I C[10] MSCR[42] 0000 (Default) GPIO[42] SIUL2-GPIO[42] General Purpose IO C[10] I/O 111 136 B14 0001 CS2 DSPI2 DSPI 2 Peripheral Chip Select 2 O 0010 - Reserved - - 0011 A3 FlexPWM_0 FlexPWM_0 Channel A Input/Output 3 I/O 0100-1111 - Reserved - - IMCR[84] 0001 FAULT1 FlexPWM_0 FlexPWM_0 Fault Input 1 I Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |