| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5744P bảng dữ liệu(PDF) 33 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P bảng dữ liệu(HTML) 33 Page - Freescale Semiconductor, Inc |
|
33 / 114 page ![]() Pinouts MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 33 E[0] MSCR[64] 0000 (Default) GPI[64]3 ADC1_ADC3_A N[5] SIUL2-GPI[64] General Purpose Input E[0] I 68 79 T13 0001 - Reserved - - 0010-1111 - Reserved - - E[2] MSCR[66] 0000 (Default) GPI[66]3 ADC0_AN[5] SIUL2-GPI[66] General Purpose Input E[2] I 49 57 U6 0001 - Reserved - - 0010-1111 - Reserved - - E[4] MSCR[68] 0000 (Default) GPI[68]3 ADC0_AN[7] SIUL2-GPI[68] General Purpose Input E[4] I 42 50 U4 0001 - Reserved - - 0010-1111 - Reserved - - E[5] MSCR[69] 0000 (Default) GPI[69]3 ADC0_AN[8] SIUL2-GPI[69] General Purpose Input E[5] I 44 52 T5 0001 - Reserved - - 0010-1111 - Reserved - - E[6] MSCR[70] 0000 (Default) GPI[70]3 ADC0_AN[4] SIUL2-GPI[70] General Purpose Input E[6] I 46 54 R6 0001 - Reserved - - 0010-1111 - Reserved - - E[7] MSCR[71] 0000 (Default) GPI[71]3 ADC0_AN[6] SIUL2-GPI[71] General Purpose Input E[7] I 48 56 T6 0001 - Reserved - - 0010-1111 - Reserved - - E[9] MSCR[73] 0000 GPI[73]3 ADC1_ADC3_A N[7] SIUL2-GPI[73] General Purpose Input E[9] I 61 72 U10 0001 - Reserved - - 0010-1111 - Reserved - - E[10] MSCR[74] 0000 (Default) GPI[74]3 ADC1_ADC3_A N[8] SIUL2-GPI[74] General Purpose Input E[10] I 63 74 T11 0001 - Reserved - - 0010-1111 - Reserved - - Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |