công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R0664 bảng dữ liệu(PDF) 38 Page - Holtek Semiconductor Inc

tên linh kiện HT46R0664
Giải thích chi tiết về linh kiện  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 bảng dữ liệu(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
Rev. 1.00
38
����st 1�� �011
Rev. 1.00
39
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
● Watchdog Time-out Reset during Normal Operation
The Watchdog time-out Reset during normal operation is the same as a hardware power-on reset
except that the Watchdog time-out flag TO will be set to high.
t RS TD + t SST
WD T Ti me -o ut
In te r nal R es et
WDT Time-out Reset during Normal Operation Timing Chart
● Watchdog Time-out Reset during SLEEP or IDLE Mode
The Watchdog time-out Reset during SLEEP or IDLE Mode is a little different from other kinds
of reset. Most of the conditions remain unchanged except that the Program Counter and the Stack
Pointer will be cleared to “0” and the TO flag will be set to “1”. Refer to the A.C. Characteristics
for tSST details.
t SST
WD T Ti me -o ut
In te r nal R es et
WDT Time-out Reset during SLEEP or IDLE Timing Chart
Note: The tSST is 2 clock cycles if the system clock source is provided by ERC
or HIRC. The tSST is 128 clock for HXT or LXT. The tSST is 128 clock for
LIRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com