công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R0664 bảng dữ liệu(PDF) 80 Page - Holtek Semiconductor Inc

tên linh kiện HT46R0664
Giải thích chi tiết về linh kiện  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 bảng dữ liệu(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 76Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 77Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 78Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 79Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 80Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 81Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 82Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 83Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 84Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
Rev. 1.00
80
����st 1�� �011
Rev. 1.00
81
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
Mnemonic
Description
Cycles
Flag Affected
Data Move
MOV ��[m]
Move Data Memory to �CC
1
None
MOV [m]��
Move �CC to Data Memory
1Note
None
MOV ��x
Move immediate data to �CC
1
None
Bit Operation
CLR [m].i
Clear bit of Data Memory
1Note
None
SET [m].i
Set bit of Data Memory
1Note
None
Branch
JMP addr
J�mp �nconditionally
�
None
SZ [m]
Skip if Data Memory is zero
1Note
None
SZ� [m]
Skip if Data Memory is zero with data movement to �CC
1Note
None
SZ [m].i
Skip if bit i of Data Memory is zero
1Note
None
SNZ [m].i
Skip if bit i of Data Memory is not zero
1Note
None
SIZ [m]
Skip if increment Data Memory is zero
1Note
None
SDZ [m]
Skip if decrement Data Memory is zero
1Note
None
SIZ� [m]
Skip if increment Data Memory is zero with res�lt in �CC
1Note
None
SDZ� [m]
Skip if decrement Data Memory is zero with res�lt in �CC
1Note
None
C�LL addr
S�bro�tine call
�
None
RET
Ret�rn from s�bro�tine
�
None
RET ��x
Ret�rn from s�bro�tine and load immediate data to �CC
�
None
RETI
Ret�rn from interr�pt
�
None
Table Read
T�BRD [m]
Read table to TBLH and Data Memory
�Note
None
T�BRDL [m]
Read table (last pa�e) to TBLH and Data Memory
�Note
None
Miscellaneous
NOP
No operation
1
None
CLR [m]
Clear Data Memory
1Note
None
SET [m]
Set Data Memory
1Note
None
CLR WDT
Clear Watchdo� Timer
1
TO� PDF
CLR WDT1
Pre-clear Watchdo� Timer
1
TO� PDF
CLR WDT�
Pre-clear Watchdo� Timer
1
TO� PDF
SW�P [m]
Swap nibbles of Data Memory
1Note
None
SW�P� [m]
Swap nibbles of Data Memory with res�lt in �CC
1
None
H�LT
Enter power down mode
1
TO� PDF
Note: 1. For skip instructions, if the result of the comparison involves a skip then two cycles are required, if no
skip takes place only one cycle is required.
2. Any instruction which changes the contents of the PCL will also require 2 cycles for execution.
3. For the "CLR WDT1" and "CLR WDT2" instructions the TO and PDF flags may be affected by the
execution status. The TO and PDF flags are cleared after both "CLR WDT1" and "CLR WDT2"
instructions are consecutively executed. Otherwise the TO and PDF flags remain unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com