công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R0664 bảng dữ liệu(PDF) 75 Page - Holtek Semiconductor Inc

tên linh kiện HT46R0664
Giải thích chi tiết về linh kiện  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 bảng dữ liệu(HTML) 75 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 71Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 72Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 73Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 74Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 75Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 76Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 77Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 78Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 79Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
Rev. 1.00
74
����st 1�� �011
Rev. 1.00
75
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Bit 1
LCDO1: LCD SEG or I/O function control bit(SEG8~SEG15)
0: I/O
1: LCD SEG
Bit 0
LCDO0: LCD SEG or I/O function control bit(SEG0~SEG7)
0: I/O
1: LCD SEG
LCD Clock Source
The LCD clock source is the internal clock signal, fS, divided using an internal divider circuit. The
fS internal clock is supplied by the LXT oscillator, fSYS/4 or the LIRC oscillator, the choice of which
is determined by a configuration option. For proper LCD operation, this arrangement is provided to
generate an ideal LCD clock source frequency of 4kHz.
The options of LCD clock frequency are listed in the following table
fS Clock Source
LCD Clock Selection
LIRC
LIRC/�3
LXT
LXT/�3
fSYS/4
fSYS/�4~fSYS/�10
LCD Driver Output
The nature of Liquid Crystal Display requires that only AC voltage can be applied to its pixel as the
application of DC voltage to LCD pixel may cause permanent damage. For this reason the relative
contrast of an LCD display is controlled by the actual RMS voltage applied to each pixel, which is
equal to the RMS value of the voltage on the COM pin minus the voltage applied to the SEG pin.
This differential RMS voltage must be greater than the LCD saturation voltage for the pixel to be on
and less than the threshold voltage for the pixel to be off. The requirement to limit the DC voltage
to zero and to control as many pixels as possible with a minimum number of connections, requires
that both a time and amplitude signal is generated and applied to the application LCD. These
time and amplitude varying signals are automatically generated by the LCD driver circuits in the
microcontroller. What is known as the duty determines the number of common lines used, which are
also known as backplanes or COMs. The duty, which is chosen by a control bit to have a value of
1/4, 1/8 and which equates to a COM number of 4, 8, therefore defines the number of time divisions
within each LCD signal frame. Two types of signal generation are also provided, known as Type A
and Type B, the required type is selected via the TYPE bit in the LCDC register. Type B offers lower
frequency signals, however lower frequencies may introduce flickering and influence display clarity.
LCD Voltage Source and Biasing
The time and amplitude varying signals generated by the LCD Driver function require the generation
of several voltage levels for their operation. The number of voltage levels used by the signal depends
upon the value of the BIAS bit in the LCDC register. The device has “R” type biasing only. LCD
voltage source is VDD. For the R type 1/3 bias selection, five voltage levels VSS, VA, VB, VC and VD
are utilised. The voltage VA is equal to VDD, VB is equal to VDD×2/3, while VC is equal to VDD×1/3.
For the R type 1/4 bias selection, five voltage levels VSS, VA, VB, VC and VD are utilised. The voltage
VA is equal to VDD, VB is equal to VDD×3/4, VC is equal to VDD×2/4, while VD is equal to VDD×1/4.
In addition to selecting 1/3 or 1/4 bias, several values of bias resistor can be chosen using bits in
the LCDC register. Different values of internal bias resistors can be selected using the RSEL0 and
RESEL1 bits in the LCDC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com