công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R0664 bảng dữ liệu(PDF) 55 Page - Holtek Semiconductor Inc

tên linh kiện HT46R0664
Giải thích chi tiết về linh kiện  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 bảng dữ liệu(HTML) 55 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 51Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 52Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 53Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 54Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 55Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 56Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 57Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 58Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 59Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
Rev. 1.00
54
����st 1�� �011
Rev. 1.00
55
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Parameter
AC(0~1)
DC (Duty Cycle)
Mod�lation cycle i
(i=0~1)
i<�C
(DC+1)/1�8
i>=�C
DC/1�8
The following diagram illustrates the waveforms associated with the 7+1 mode PWM operation. It
is important to note how the single PWM cycle is subdivided into 2 individual modulation cycles,
numbered 0 and 1 and how the AC value is related to the PWM value.
f SY S /2
PW M
[P WM ] =1 00
[P WM ] =1 01
PW M
[P WM ] =1 02
PW M
[P WM ] =1 03
PW M
PW M mo du la ti on p er i od : 128/ f SY S
50 /1 28
51 /1 28
51 /1 28
52 /1 28
50 /1 28
50 /1 28
51 /1 28
51 /1 28
50 /1 28
51 /1 28
51 /1 28
52 /1 28
M odu la ti on cycl e 0
PW M cycl e : 256 /f SY S
M odu la ti on cycl e 1
M odu la ti on cycl e 0
7+1 PWM Mode
PW M Re gi st er
(7 +1 ) Mo de
b7
b0
AC va lu e
DC va lu e
PWM Register for 7+1 Mode
PWM Output Control
The PWM outputs are pin-shared with the I/O pins PA0 and PB0. To operate as a PWM output
and not as an I/O pin, the correct bits must be set in the CTRL0 register. A zero value must also be
written to the corresponding bit in the I/O port control register PAC.0 and PBC.0 to ensure that the
corresponding PWM output pin is setup as an output. After these two initial steps have been carried
out, and of course after the required PWM value has been written into the PWMn register, writing a
high value to the corresponding bit in the output data register PA.0 and PB.0 will enable the PWM
data to appear on the pin. Writing a zero value will disable the PWM output function and force the
output low. In this way, the Port data output registers can be used as an on/off control for the PWM
function. Note that if the CTRL0 register has selected the PWM function, but a high value has been
written to its corresponding bit in the PAC or PBC control register to configure the pin as an input,
then the pin can still function as a normal input line, with pull-high resistor options.
PWM Programming Example
mov a,64h
; setup PWM value of decimal 100
mov pwm0,a
set ctrl0.5
; select the 7+1 PWM mode
set ctrl0.3
; select pin PA0 to have a PWM function
clr pac.0
; setup pin PA0 as an output
set pa.0
; enable the PWM output
:
:
clr pa.0
; disable the PWM output_ pin PA0 forced low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com