công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R0664 bảng dữ liệu(PDF) 59 Page - Holtek Semiconductor Inc

tên linh kiện HT46R0664
Giải thích chi tiết về linh kiện  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 bảng dữ liệu(HTML) 59 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 55Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 56Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 57Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 58Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 59Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 60Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 61Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 62Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 63Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
Rev. 1.00
58
����st 1�� �011
Rev. 1.00
59
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
A/D Operation
The START bit in the register is used to start and reset the A/D converter. When the microcontroller
sets this bit from low to high and then low again, an analog to digital conversion cycle will be
initiated. When the START bit is brought from low to high but not low again, the EOCB bit in the
ADCR register will be set to “1” and the analog to digital converter will be reset. It is the START bit
that is used to control the overall start operation of the internal analog to digital converter.
The EOCB bit in the ADCR register is used to indicate when the analog to digital conversion process
is complete. This bit will be automatically set to “0” by the microcontroller after a conversion cycle
has ended. In addition, the corresponding A/D interrupt request flag will be set in the interrupt
control register, and if the interrupts are enabled, an appropriate internal interrupt signal will be
generated. This A/D internal interrupt signal will direct the program flow to the associated A/D
internal interrupt address for processing. If the A/D internal interrupt is disabled, the microcontroller
can be used to poll the EOCB bit in the ADCR register to check whether it has been cleared as an
alternative method of detecting the end of an A/D conversion cycle. The clock source for the A/D
converter, which originates from the system clock fSYS, is first divided by a division ratio, the value
of which is determined by the ADCS2, ADCS1 and ADCS0 bits in the ACSR register. Controlling
the power on/off function of the A/D converter circuitry is implemented using the value of the
ADONB bit.
Although the A/D clock source is determined by the system clock fSYS, and by bits ADCS2,
ADCS1 and ADCS0, there are some limitations on the maximum A/D clock source speed that can
be selected. As the minimum value of permissible A/D clock period, tAD, is 0.5μs, care must be
taken for system clock speeds in excess of 4MHz. For system clock speeds in excess of 4MHz, the
ADCS2, ADCS1 and ADCS0 bits should not be set to “000”. Doing so will give A/D clock periods
that are less than the minimum A/D clock period which may result in inaccurate A/D conversion
values.
Refer to the following table for examples, where values marked with an asterisk * show where,
depending upon the device, special care must be taken, as the values may be less than the specified
minimum A/D Clock Period.
fSYS
A/D Clock Period(tAD)
ADCS2,
ADCS1,
ADCS0
=000
((fSYS/2)
ADCS2,
ADCS1,
ADCS0
=001
(fSYS/8)
ADCS2,
ADCS1,
ADCS0
=010
(fSYS/32)
ADCS2,
ADCS1,
ADCS0
=100
(fSYS)
ADCS2,
ADCS1,
ADCS0
=101
(fSYS/4)
ADCS2,
ADCS1,
ADCS0
=110
(fSYS/16)
ADCS2,
ADCS1,
ADCS0
=011,111
1MHz
2μs
8μs
32μs
1μs
4μs
16μs
Undefined
�MHz
1μs
4μs
16μs
500ns
2μs
8μs
Undefined
4MHz
500ns
2μs
8μs
�50ns*
1μs
4μs
Undefined
8MHz
�50ns*
1μs
4μs
1�5ns*
500ns
2μs
Undefined
1�MHz
167ns*
667ns
2.67μs
83ns*
333ns*
1μs
Undefined
A/D Clock Period Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com