công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R0664 bảng dữ liệu(PDF) 54 Page - Holtek Semiconductor Inc

tên linh kiện HT46R0664
Giải thích chi tiết về linh kiện  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 bảng dữ liệu(HTML) 54 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 51Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 52Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 53Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 54Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 55Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 56Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 57Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 58Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
Rev. 1.00
54
����st 1�� �011
Rev. 1.00
55
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
6+2 PWM Mode
Each full PWM cycle, as it is controlled by an 8-bit PWM register, has 256 clock periods. However,
in the 6+2 PWM mode, each PWM cycle is subdivided into four individual sub-cycles known as
modulation cycle 0~modulation cycle 3, denoted as i in the table. Each one of these four sub-cycles
contains 64 clock cycles. In this mode, a modulation frequency increase of four is achieved. The
8-bit PWM register value, which represents the overall duty cycle of the PWM waveform, is divided
into two groups. The first group which consists of bit 2~bit 7 is denoted here as the DC value. The
second group which consists of bit 0~bit 1 is known as the AC value. In the 6+2 PWM mode, the
duty cycle value of each of the four modulation sub-cycles is shown in the following table.
Parameter AC (0~3)
DC
DC(Duty Cycle)
Mod�lation cycle i
(i=0~3)
i<�C
(DC+1)/64
i>�C
DC/64
6+2 Mode Modulation Cycle Values
The following diagram illustrates the waveforms associated with the 6+2 mode of PWM operation.
It is important to note how the single PWM cycle is subdivided into 4 individual modulation cycles,
numbered from 0~3 and how the AC value is related to the PWM value.
f SY S /2
PW M
[P WM ] =1 00
[P WM ] =1 01
PW M
[P WM ] =1 02
PW M
[P WM ] =1 03
PW M
PW M cycl e : 256 /f SY S
25 /6 4
26 /6 4
26 /6 4
26 /6 4
25 /6 42 5/ 64
25 /6 4
25 /6 4
25 /6 4
25 /6 4
25 /6 4
26 /6 4
26 /6 4
25 /6 4
25 /6 4
26 /6 42 5/ 64
26 /6 4
26 /6 4
26 /6 4
M odu la ti on c ycl e 0
PW M mo du la ti on p er i od : 64 /f SY S
M odu la ti on c ycl e 1
M odu la ti on c ycl e 2
M odu la ti on c ycl e 3
M odu la ti on c ycl e 0
6+2 PWM Mode
PW M Re gi st er
(6 +2 ) Mo de
b7
b0
AC va lu e
DC va lu e
PWM Register for 6+2 Mode
7+1 PWM Mode
Each full PWM cycle, as it is controlled by an 8-bit PWM register, has 256 clock periods. However,
in the 7+1 PWM mode, each PWM cycle is subdivided into two individual sub-cycles known as
modulation cycle 0~modulation cycle 1, denoted as i in the table. Each one of these two sub-cycles
contains 128 clock cycles. In this mode, a modulation frequency increase of two is achieved. The
8-bit PWM register value, which represents the overall duty cycle of the PWM waveform, is divided
into two groups. The first group which consists of bit 1~bit 7 is denoted here as the DC value. The
second group which consists of bit 0 is known as the AC value. In the 7+1 PWM mode, the duty
cycle value of each of the two modulation sub-cycles is shown in the following table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com