công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R0664 bảng dữ liệu(PDF) 67 Page - Holtek Semiconductor Inc

tên linh kiện HT46R0664
Giải thích chi tiết về linh kiện  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 bảng dữ liệu(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 63Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 64Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 65Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 66Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 67Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 68Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 69Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 70Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 71Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
Rev. 1.00
66
����st 1�� �011
Rev. 1.00
67
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Bit 0
ADE: A/D Conversion interrupt enable
0: disable
1: enable
MFIC Register
Bit
7
6
5
4
3
2
1
0
Name
INT3F
INT�F
INT1F
INT0F
INT3E
INT�E
INT1E
INT0E
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7
INT3F: INT3 interrupt request flag
0: inactive
1: active
Bit 6
INT2F: INT2 interrupt request flag
0: inactive
1: active
Bit 5
INT1F: INT1 interrupt request flag
0: inactive
1: active
Bit 4
INT0F: INT0 interrupt request flag
0: inactive
1: active
Bit 3
INT3E: INT3 interrupt enable
0: disable
1: enable
Bit 2
INT2E: INT2 interrupt enable
0: disable
1: enable
Bit 1
INT1E: INT1 interrupt enable
0: disable
1: enable
Bit 0
INT0E: INT0 interrupt enable
0: disable
1: enable
Interrupt Operation
A Timer/Event Counter overflow, a Time Base event or an active edge on the external interrupt pin
will all generate an interrupt request by setting their corresponding request flag, if their appropriate
interrupt enable bit is set. When this happens, the Program Counter, which stores the address of
the next instruction to be executed, will be transferred onto the stack. The Program Counter will
then be loaded with a new address which will be the value of the corresponding interrupt vector.
The microcontroller will then fetch its next instruction from this interrupt vector. The instruction
at this vector will usually be a JMP statement which will jump to another section of program
which is known as the interrupt service routine. Here is located the code to control the appropriate
interrupt. The interrupt service routine must be terminated with a RETI instruction, which retrieves
the original Program Counter address from the stack and allows the microcontroller to continue
with normal execution at the point where the interrupt occurred. The various interrupt enable bits,
together with their associated request flags, are shown in the following diagram with their order of
priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com