công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R0664 bảng dữ liệu(PDF) 84 Page - Holtek Semiconductor Inc

tên linh kiện HT46R0664
Giải thích chi tiết về linh kiện  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 bảng dữ liệu(HTML) 84 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 80Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 81Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 82Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 83Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 84Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 85Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 86Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 87Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 88Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
Rev. 1.00
84
����st 1�� �011
Rev. 1.00
85
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
Enter power down mode
This instr�ction stops the pro�ram exec�tion and t�rns off the system clock. The
contents of the Data Memory and re�isters are retained. The WDT and prescaler
are cleared. The power down fla� PDF is set and the WDT time-o�t fla� TO is
cleared.
TO ← 0
PDF ← 0
TO� PDF
Increment Data Memory
Data in the specified Data Memory is incremented by 1.
[m] ← [m]+1
Z
Increment Data Memory with res�lt in �CC
Data in the specified Data Memory is incremented by 1. The result is stored in the
�cc�m�lator. The contents of the Data Memory remain �nchan�ed.
�CC ← [m]+1
Z
J�mp �nconditionally
The contents of the Pro�ram Co�nter are replaced with the specified address.
Pro�ram exec�tion then contin�es from this new address. �s this req�ires the
insertion of a d�mmy instr�ction while the new address is loaded� it is a two cycle
instr�ction.
Pro�ram Co�nter ← addr
None
Move Data Memory to �CC
The contents of the specified Data Memory are copied to the Accumulator.
�CC ← [m]
None
Move immediate data to �CC
The immediate data specified is loaded into the Accumulator.
�CC ← x
None
Move �CC to Data Memory
The contents of the Accumulator are copied to the specified Data Memory.
[m] ← �CC
None
No operation
No operation is performed. Exec�tion contin�es with the next instr�ction.
No operation
None
HALT
Description
Operation
Affected flag(s)
INC [m]
Description
Operation
Affected flag(s)
INCA [m]
Description
Operation
Affected flag(s)
JMP addr
Description
Operation
Affected flag(s)
MOV A,[m]
Description
Operation
Affected flag(s)
MOV A,x
Description
Operation
Affected flag(s)
MOV [m],A
Description
Operation
Affected flag(s)
NOP
Description
Operation
Affected flag(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com