công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R0664 bảng dữ liệu(PDF) 69 Page - Holtek Semiconductor Inc

tên linh kiện HT46R0664
Giải thích chi tiết về linh kiện  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 bảng dữ liệu(HTML) 69 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 65Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 66Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 67Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 68Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 69Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 70Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 71Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 72Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 73Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
Rev. 1.00
68
����st 1�� �011
Rev. 1.00
69
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Interrupt Priority
Interrupts, occurring in the interval between the rising edges of two consecutive T2 pulses, will be
serviced on the latter of the two T2 pulses, if the corresponding interrupts are enabled. In case of
simultaneous requests, the following table shows the priority that is applied. These can be masked
by resetting the EMI bit.
Interrupt Source
Priority
Vector
M�lti-F�nction interr�pt(External interr�pt 0~3)
1
04H
Timer/Event Counter 0 overflow
�
08H
Timer/Event Counter 1 overflow
3
0CH
�DC interr�pt
4
10H
Time Base 0 interr�pt
5
14H
Time Base 1 interr�pt
6
18H
In cases where both external and internal interrupts are enabled and where an external and internal
interrupt occurs simultaneously, the external interrupt will always have priority and will therefore be
serviced first. Suitable masking of the individual interrupts using the interrupt registers can prevent
simultaneous occurrences.
Multi-function Interrupt
The device contains a Multi-function interrupt. Unlike the other independent interrupts, this interrupt
has no independent source, but rather is formed from external interrupt source. A Multi-function
interrupt request will take place when the Multi-function interrupt request flag, MFF is set. The
Multi-function interrupt flag will be set when any of their included functions generate an interrupt
request flag. To allow the program to branch to its respective interrupt vector address, when the
Multi-function interrupt is enabled and the stack is not full, and either one of the interrupts contained
within the Multi-function interrupt occurs, a subroutine call to the Multi-function interrupt vector
will take place. When the interrupt is serviced, the related Multi-Function request flag will be
automatically reset and the EMI bit will be automatically cleared to disable other interrupts.
The type of transition that will trigger the external interrupts, whether high to low, low to high or
both is determined by the INTnS0 and INTnS1 bits, in the INTEG register. These bits can also
disable the external interrupt function.
INTnS1
INTnS0
Edge Trigger Type
0
0
External interr�pt disable
0
1
Risin� ed�e Tri��er
1
0
Fallin� ed�e Tri��er
1
1
Both ed�e Tri��er
The external interrupt pins are pin-shared with the I/O pins and can only be configured as external
interrupt pins if the corresponding external interrupt enable bit in the MFIC register has been set and
the edge trigger type has been selected using the INTEG register. The pins must also be setup as an
input by setting the port control registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com