công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R0664 bảng dữ liệu(PDF) 56 Page - Holtek Semiconductor Inc

tên linh kiện HT46R0664
Giải thích chi tiết về linh kiện  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 bảng dữ liệu(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 52Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 53Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 54Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 55Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 56Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 57Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 58Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 59Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 60Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
Rev. 1.00
56
����st 1�� �011
Rev. 1.00
57
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
Analog to Digital Converter
The need to interface to real world analog signals is a common requirement for many electronic
systems. However, to properly process these signals by a microcontroller, they must first be
converted into digital signals by A/D converters. By integrating the A/D conversion electronic
circuitry into the microcontroller, the need for external components is reduced significantly with the
corresponding follow-on benefits of lower costs and reduced component space requirements.
A/D Overview
The device contains a 12-channel analog to digital converter which can directly interface to external
analog signals, such as that from sensors or other control signals and convert these signals directly
into either a 12-bit digital value.
A/D Converter
PB3/AN0~PB0/AN3
A/D Reference Voltage
ADRL
ADRH
A/D Data
Registers
START EOCB ADONB
VSS
PB5/VREF
ADCS2~ADCS0
fSYS
PCR11~PCR0
ACS3~ACS0
A/D Clock
VDD
ADONB
Bit
VREFS
Bit
÷2N
(N=0~5)
PE6/AN4~PE3/AN7
PF1/AN8~PF0/AN9
PA6/AN10
PA5/AN11
A/D Converter Structure
A/D Converter Data Registers – ADRL, ADRH
The device, which has an internal 12-bit A/D converter, requires two data registers, a high byte
register, known as ADRH, and a low byte register, known as ADRL. After the conversion process
takes place, these registers can be directly read by the microcontroller to obtain the digitised
conversion value. Only the high byte register, ADRH, utilises its full 8-bit contents. The low
byte register utilises only 4 bit of its 8-bit contents as it contains only the lowest bits of the 12-bit
converted value.
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
�DRL
D3
D�
D1
D0
—
—
—
—
�DRH
D11
D10
D9
D8
D7
D6
D5
D4
ADRH, ADRL Register
Bit
ADRH
ADRL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Name D11 D10 D9
D8
D7
D6
D5
D4
D3
D�
D1
D0
—
—
—
—
R/W
R
R
R
R
R
R
R
R
R
R
R
R
—
—
—
—
POR
X
X
X
X
X
X
X
X
X
X
X
X
—
—
—
—
“x” �nknown
"—": Unimplemented, read as “0”
D11~D0: ADC conversion data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com