công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R0664 bảng dữ liệu(PDF) 53 Page - Holtek Semiconductor Inc

tên linh kiện HT46R0664
Giải thích chi tiết về linh kiện  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 bảng dữ liệu(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 51Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 52Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 53Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 54Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 55Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 56Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
Rev. 1.00
5�
����st 1�� �011
Rev. 1.00
53
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Pulse Width Modulator
The device includes a multiple output 8-bit PWM function. Useful for such applications such as
motor speed control, the PWM function provides outputs with a fixed frequency but with a duty
cycle that can be varied by setting particular values into the corresponding PWM register.
PW M0 D ut y Re gi st er
8- bi t Co mp ar at or 0
PW M1 D ut y Re gi st er
8- bi t Co mp ar at or 1
8- bi t/ (7 +1 )/ (6 +2 )
PW M Co un te r
PM W0
PM W1
PWM Block Diagram
PWM Operation
A single register, known as PWMn and located in the Data Memory is assigned to each Pulse Width
Modulator channel. It is here that the 8-bit value, which represents the overall duty cycle of one
modulation cycle of the output waveform, should be placed. To increase the PWM modulation
frequency, each modulation cycle is subdivided into two or four individual modulation subsections,
known as the 7+1 mode or 6+2 mode respectively. The required mode and the on/off control for
each PWM channel is selected using the CTRL0 register. Note that when using the PWM, it is only
necessary to write the required value into the PWMn register and select the required mode setup and
on/off control using the CTRL0 register, the subdivision of the waveform into its sub-modulation
cycles is implemented automatically within the microcontroller hardware. The PWM clock source is
the system clock fSYS.
This method of dividing the original modulation cycle into a further 2 or 4 sub-cycles enable the
generation of higher PWM frequencies which allow a wider range of applications to be served. The
difference between what is known as the PWM cycle frequency and the PWM modulation frequency
should be understood. As the PWM clock is the system clock, fSYS, and as the PWM value is 8-bits
wide, the overall PWM cycle frequency is fSYS/256. However, when in the 7+1 mode of operation
the PWM modulation frequency will be fSYS/128, while the PWM modulation frequency for the 6+2
mode of operation will be fSYS/64.
PWM Modulation
PWM Cycle Frequency
PWM Cycle Duty
fSYS/64 for (6+�) bits mode
fSYS/1�8 for (7+1) bits mode
fSYS/�56
[PWM]/�56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com